Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE758P Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE758P
Description  1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE758P Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE758P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE758P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE758P Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE758P
1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
2
Absolute Maximum Ratings
Parameter
Min
Max
Voltages on: PVIN, AVIN, VOUT
-0.3 V
6.5 V
Voltages on: ENABLE, POK
-0.3 V
V
IN
Voltage on: VFB
-0.3 V
2.7 V
ESD Rating (Human Body Model)
2 kV
ESD Rating (Charge Device Model)
500 V
Ambient Operating Range
-40 °C
85 °C
Storage Temperature Range
-65 °C
150 °C
Reflow Peak Body Temperature MSL3
(10 s)
260 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com