Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE5012C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5012C
Description  0.8uA Low Power Consumption Regulator with Enable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5012C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5012C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5012C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5012C Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE5012C
0.8uA Low Power Consumption Regulator with Enable
VER 1.1
1
Description
The ACE5012C is a group of positive voltage output, low power consumption, low dropout voltage
regulator. The very low power consumption of ACE5012C (0.8uA, Typ) can greatly improve natural life of
batteries. The ACE5012C includes high accuracy voltage reference, error amplifier and output driver
module with discharge capability. And it also provides foldback short-circuit protection, thermal protection
and output current limit function.
The ACE5012C can provide output value of fixed version as 1.2V, 1.8V, 2.5V, 2.8V, 3V, and 3.3V. It also
can be customized on command.
Features
Maximum output current:300mA
Low power consumption: 0.8uA (Typ.)
Stand-by current: less than 0.1uA
Operating input voltage:1.8V~5.5V
Low dropout voltage: 150mV @100mA @Vout=3.3V (Typ.)
Low temperature coefficient: ±100ppm/ OC
Build-in chip enable and discharge circuit
Built-in output current limit circuit
Application
Mobile phones
Battery powered equipment
Cordless phones, wireless communication equipment
Cameras, video recorders
Portable AV equipment
PDAs
Absolute Maximum Ratings
Parameter
Value
Max input voltage
8V
operating junction temperature (TJ)
125 OC
Output current
400mA1
Ambient temperature (TA)
-40 OC –85 OC
Package thermal resistance (JA)
SOT-23-5
220 OC / W
DFN1x1-4
170 OC / W
Power dissipation
SOT-23-5
400mW
DFN1x1-4
600mW
Storage temperature (TS)
-40 OC -150 OC
Lead temperature & time
260 OC,10S
Note:
1.
Iout=PD/ (Vin-Vout)
2.
Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.


Similar Part No. - ACE5012C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50121AM+ ACE-ACE50121AM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50121AM+H ACE-ACE50121AM+H Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE50121BM+ ACE-ACE50121BM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50121BM+H ACE-ACE50121BM+H Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE50122AM+ ACE-ACE50122AM+ Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
More results

Similar Description - ACE5012C

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
1.5A Low Dropout Regulator with Enable
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
logo
Torex Semiconductor
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
Global Mixed-mode Techn...
G965 GMT-G965_07 Datasheet
498Kb / 9P
1.5A Low Dropout Regulator with Enable
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
logo
ON Semiconductor
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
logo
Global Mixed-mode Techn...
G965 GMT-G965_15 Datasheet
99Kb / 1P
1.8A Low Dropout Regulator with Enable
G9731 GMT-G9731 Datasheet
43Kb / 1P
4A Low Dropout Regulator with Enable
logo
ON Semiconductor
NCV8560 ONSEMI-NCV8560_17 Datasheet
139Kb / 16P
High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com