Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE5023T Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5023T
Description  Low Noise, High PSRR, High Speed, CMOS LDO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5023T Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5023T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5023T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5023T Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE5023T
Low Noise, High PSRR, High Speed, CMOS LDO
VER 1.3
1
Description
The ACE5023T is a high accuracy, low noise, high speed, low dropout CMOS Linear regulator with
high ripple rejection and fast discharge function. The device offers a new level of cost effective
performance in cellular phones, surveillance system, Bluetooth, wireless and other portable electronic
devices.
ACE5023T can provide product selections of output value in the range of 1.0V~3.6V by every 0.1V step.
The current limiter's fold-back circuit also operates as a short circuit protection and an output current
limiter at the output pin.
The ACE5023T regulators are available in standard SOT23-5 and DFN1x1-4 packages. Standard
products are Pb-free and Halogen-free.
Features
⚫
Input voltage: 2.5V~6.5V
⚫
Output range: 1.0V~3.6V (customized by every 0.1V step)
⚫
Output current: 350mA
⚫
PSRR: 75dB @1KHz
⚫
Dropout voltage: 300mV @ VOUT=3.3V
⚫
Quiescent current:
35μA Typ.
⚫
Shut-
down current: < 1μA
⚫
Recommend capacitor: 1μF
⚫
Ultra-
low output noise: 20μVRMS
Application
⚫
Digital cameras
⚫
Cellphones
⚫
Bluetooth and wireless handsets
⚫
Other portable electronic devices
Absolute Maximum Ratings (Note)
Symbol
Items
Value
Unit
VIN
Input Voltage
-0.3~6.5
V
IOUT
Output Current
400
mA
PDMAX
Power Dissipation
SOT-23-5
0.3
W
DFN1*1-4
0.6
TJ
Junction Temperature
-40~125
℃
TA
Ambient Temperature
-40~85
℃
TSTG
Storage Temperature
-55 to 150
℃
TSOLDER
Package Lead Soldering Temperature
260℃, 10s
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE5023T

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50230AM+ ACE-ACE50230AM+ Datasheet
309Kb / 12P
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50230BM+ ACE-ACE50230BM+ Datasheet
309Kb / 12P
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50230BNA+ ACE-ACE50230BNA+ Datasheet
309Kb / 12P
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50230BNB+ ACE-ACE50230BNB+ Datasheet
309Kb / 12P
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50231AM+ ACE-ACE50231AM+ Datasheet
309Kb / 12P
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
More results

Similar Description - ACE5023T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
logo
ACE Technology Co., LTD...
ACE537P ACE-ACE537P Datasheet
758Kb / 7P
Low Noise High PSRR High Speed CMOS LDO
VER 1.1
logo
Will Semiconductor Ltd.
WL2801E WILLSEMI-WL2801E Datasheet
813Kb / 10P
Low noise, High PSRR, High speed, CMOS LDO
WL2808E WILLSEMI-WL2808E Datasheet
1Mb / 9P
Low noise, High PSRR, High speed, CMOS LDO
WL2810 WILLSEMI-WL2810 Datasheet
2Mb / 12P
Low noise, High PSRR, High speed, CMOS LDO
WL2811EA WILLSEMI-WL2811EA Datasheet
4Mb / 13P
Low noise, High PSRR, High speed, CMOS LDO
WL2820X WILLSEMI-WL2820X Datasheet
3Mb / 14P
Low noise, High PSRR, High speed, CMOS LDO
WL2836D WILLSEMI-WL2836D Datasheet
3Mb / 14P
Low noise, High PSRR, High speed, CMOS LDO
WL2836E WILLSEMI-WL2836E Datasheet
4Mb / 15P
Low noise, High PSRR, High speed, CMOS LDO
logo
Shenzhen Huazhimei Semi...
HM1136 HMSEMI-HM1136 Datasheet
644Kb / 12P
Low Noise, High PSRR, High Speed, CMOS LDO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com