Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE5050LA Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5050LA
Description  500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5050LA Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5050LA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5050LA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5050LA Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5050LA Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE5050LA
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
1
Description
The ACE5050LA is designed for portable applications with demanding performance and space
requirements. The ACE5050LA performance is optimized for battery-powered systems to deliver ultra-low
noise and low quiescent current. Regulator ground current increases only slightly in dropout, further
prolonging the battery life. The ACE5050LA also works with low-ESR ceramic capacitors, reducing the
amount of board space necessary for power applications, critical in hand-held wireless devices. The
ACE5050LA consumes only 0.1µA current in shutdown mode and has fast turn-on time (Typical 100µs).
The other features include ultra- low dropout voltage, high output accuracy, current limiting protection,
and high ripple rejection ratio.
Features
⚫
Ultra-low Noise
⚫
Ultra-Fast Transient Response
⚫
High PSRR:
-85dB @ 300Hz
-80dB @ 1KHz
-54dB @ 1MHz
⚫
0.1
μA Standby Current When Shutdown
⚫
Low Dropout: 280mV@500mA (VOUT=2.8V)
⚫
Wide Operating Voltage Ranges: 1.8V to 5.5V
⚫
Current Limiting and Short Circuit Current Protection
⚫
Thermal Shutdown Protection
⚫
Only 1
μF Output Capacitor Required for Stability
⚫
Fast output discharge
⚫
Available in SOT23-5, SC70-5 and DFN1X1-4L Packages
Application
⚫
Cellular and Smart Phones
⚫
Cordless Telephones
⚫
Camera and Machine Vision Modules
⚫
Battery-Powered Equipment
⚫
Laptop, Palmtops, Notebook Computers
⚫
Hand-Held Instruments


Similar Part No. - ACE5050LA

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
Low noise 150mA LDO regulator
VER 1.5
ACE505 ACE-ACE505 Datasheet
434Kb / 9P
Low noise 150mA LDO regulator
VER 1.4
ACE50512BNA+ ACE-ACE50512BNA+ Datasheet
231Kb / 9P
Low noise 150mA LDO regulator
VER 1.5
ACE50512BNA+H ACE-ACE50512BNA+H Datasheet
434Kb / 9P
Low noise 150mA LDO regulator
VER 1.4
ACE50512BNB+ ACE-ACE50512BNB+ Datasheet
231Kb / 9P
Low noise 150mA LDO regulator
VER 1.5
More results

Similar Description - ACE5050LA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR6200 LRC-LR6200 Datasheet
577Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6205 LRC-LR6205 Datasheet
518Kb / 11P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
Leadtrend Technology
LD6919 LEADTREND-LD6919 Datasheet
297Kb / 14P
500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
logo
ACE Technology Co., LTD...
ACE5024D ACE-ACE5024D Datasheet
644Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
A6518A AITSEMI-A6518A Datasheet
824Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, 1.2VFB,ULTRA-LOW NOISE, ULTRA-FAST
REV1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com