Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSX5004 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLSX5004
Description  4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX5004 Datasheet(HTML) 2 Page - ON Semiconductor

  NLSX5004 Datasheet HTML 1Page - ON Semiconductor NLSX5004 Datasheet HTML 2Page - ON Semiconductor NLSX5004 Datasheet HTML 3Page - ON Semiconductor NLSX5004 Datasheet HTML 4Page - ON Semiconductor NLSX5004 Datasheet HTML 5Page - ON Semiconductor NLSX5004 Datasheet HTML 6Page - ON Semiconductor NLSX5004 Datasheet HTML 7Page - ON Semiconductor NLSX5004 Datasheet HTML 8Page - ON Semiconductor NLSX5004 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NLSX5004, NLSXN5004
www.onsemi.com
2
Figure 1. Typical Application Circuit
Figure 2. Functional Diagram (1 I/O Line)
Figure 3. Logic Diagram
VCCA
VCCB
A1
B1
GND
EN/EN
An
B2
IO1
IOn
IO1
IOn
IOx
+1.8 V
System
+3.6 V
System
GND
GND
+1.8 V
+3.6 V
NLSX500n /
NLSXN500n
VCCA
VCCB
B
A
R1
R1 = 1 kΩ, R2 = 1 kΩ
P
ONE−SHOT
N
ONE−SHOT
R2
P
ONE−SHOT
N
ONE−SHOT
EN /
EN
A1
B1
An
Bn
VCCA
VCCB
GND
EN / EN
n = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com