Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5432 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5432
Description  32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5432 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5432 Datasheet HTML 1Page - Maxim Integrated Products MAX5432 Datasheet HTML 2Page - Maxim Integrated Products MAX5432 Datasheet HTML 3Page - Maxim Integrated Products MAX5432 Datasheet HTML 4Page - Maxim Integrated Products MAX5432 Datasheet HTML 5Page - Maxim Integrated Products MAX5432 Datasheet HTML 6Page - Maxim Integrated Products MAX5432 Datasheet HTML 7Page - Maxim Integrated Products MAX5432 Datasheet HTML 8Page - Maxim Integrated Products MAX5432 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
32-Tap, Nonvolatile, I2C, Linear, Digital
Potentiometers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, VH = VDD, VL = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V, TA =
+25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
MAX5432/MAX5434
500
-3dB Bandwidth (Note 8)
MAX5433/MAX5435
250
kHz
MAX5432/MAX5434
0.5
Wiper Settling Time (Note 9)
MAX5433/MAX5435
1.0
µs
NONVOLATILE MEMORY RELIABILITY
Data Retention
TA = +85°C
50
Years
TA = +25°C
200,000
Endurance
TA = +85°C
50,000
Stores
POWER SUPPLY
Power-Supply Voltage
VDD
2.70
5.25
V
Standby Current
IDD
Digital inputs = VDD or GND, TA = +25°C
0.5
2
µA
Programming Current
During nonvolatile write; digital inputs =
VDD or GND (Note 10)
200
900
µA
Note 1: All devices are production tested at TA = +25°C and are guaranteed by design and characterization for -40°C < TA < +85°C.
TIMING CHARACTERISTICS
(VDD = +2.7V to +5.25V, VH = VDD, VL = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V, TA =
+25°C.) (Figures 1 and 2) (Note 11)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
400
kHz
Setup Time for START Condition
tSU-STA
0.6
µs
Hold Time for START Condition
tHD-STA
0.6
µs
CLK High Time
tHIGH
0.6
µs
CLK Low Time
tLOW
1.3
µs
Data Setup Time
tSU-DAT
100
ns
Data Hold Time
tHD-DAT
0
0.9
µs
SDA, SCL Rise Time
tR
300
ns
SDA, SCL Fall Time
tF
300
ns
Setup Time for STOP Condition
tSU-STO
0.6
µs
Bus Free Time Between STOP
and START Condition
tBUF
1.3
µs
Pulse Width of Spike Suppressed
tSP
50
ns
Capacitive Load for Each Bus
Line
CB
(Note 12)
400
pF
Nonvolatile Store Time
Idle time required after a nonvolatile
memory write (Note 13)
12
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com