Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7K4JML3-E-DAFC64A-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7K4JML3-E-DAFC64A-R
Description  Remote I/O R7K4J Series MECHATROLINK I/O MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4JML3-E-DAFC64A-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7K4JML3-E-DAFC64A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4JML3-E-DAFC64A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4JML3-E-DAFC64A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4JML3-E-DAFC64A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4JML3-E-DAFC64A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4JML3-E-DAFC64A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4JML3-E-DAFC64A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4JML3-E-DAFC64A-R Datasheet HTML 8Page - M-System Co.,Ltd. R7K4JML3-E-DAFC64A-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MODEL: R7K4JML3-E-DAFC64A
R7K4JML3-E-DAFC64A SPECIFICATIONS
ES-8003-A Rev.1 Page 5/9
http://www.m-system.co.jp/
E.g. 2: R7K4JML3-E-DAFC64A: MECHATROLINK-III transmission cycle: 0.5 msec., discrete output OFF
Response of output module (T0UT): Output internal processing delay time (0.125 msec.) + Delay of output circuit (0.5 msec.)
= 0.625 [msec.]
INPUT MODULE
OUTPUT MODULE
MECHATROLINK-III
TRANSMISSION CYCLE
TRANSMISSION FROM
SLAVE COMMUNICATION ASIC
RECEIVED BY
SLAVE COMMUNICATION ASIC
TINP
TRANSMISSION TO
A HOST (MASTER)
Ts
Tc
Ta
TOUT
Tf
Td
TCOM
TRANSMISSION FROM
A HOST (MASTER)
I/O DATA DESCRIPTIONS
0
15
0 : OFF 1 : ON
Input 16
Input 17
Input 18
Input 19
Input 31
Input 23
Input 24
Input 0
Input 1
Input 2
Input 3
Input 15
Input 7
Input 8
Output 16
Output 17
Output 18
Output 19
Output 31
Output 23
Output 24
Output 0
Output 1
Output 2
Output 3
Output 15
Output 7
Output 8
DISCRETE I/O MODULE
EXTERNAL DIMENSIONS unit: mm (inch)
210 (8.27)
220 (8.66)
235 (9.25)
65 (2.56)
DIN RAIL
35mm wide
2 - 4.3 dia. 4 deep
(2 - 1.17 dia. 0.16 deep)
[4 (.16)]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com