Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4255 Datasheet(PDF) 49 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 45Page - Analog Devices ADA4255 Datasheet HTML 46Page - Analog Devices ADA4255 Datasheet HTML 47Page - Analog Devices ADA4255 Datasheet HTML 48Page - Analog Devices ADA4255 Datasheet HTML 49Page - Analog Devices ADA4255 Datasheet HTML 50Page - Analog Devices ADA4255 Datasheet HTML 51Page - Analog Devices ADA4255 Datasheet HTML 52Page - Analog Devices ADA4255 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Data Sheet
ADA4255
REGISTER DETAILS
analog.com
Rev. 0 | 49 of 64
DIGITAL ERROR REGISTER (DIGITAL_ERR)
DETAILS
Table 16. DIGITAL_ERR Register Details (Register 0x03)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
Reserved
CAL_BUSY
SPI_CRC_ERR
SPI_RW_ERR
SPI_SCLK_CNT_ERR
Reserved
MM_CRC_ERR
ROM_CRC_ERR
Access
Reserved
R
R/W
R/W
R/W
Reserved
R/W
R/W
Reset
Reserved
0
0
0
0
Reserved
0
0
Bit 6, CAL_BUSY—Calibration Busy (Read
Only)
CAL_BUSY indicates that the PGIA is undergoing a calibration and
self trim operation. Until this flag is clear, the ADA4255 output
is not accurate. Writing a 1 or 0 to CAL_BUSY has no effect.
CAL_BUSY can be output on GPIO2 when GPIO2 is configured
as an output using the corresponding GPIO_DIR bit and when the
CAL_BUSY_OUT bit is set to 1.
Bit 5, SPI_CRC_ERR—SPI CRC Error
The SPI_CRC_ERR error flag indicates that an error occurred
during SPI communication with the ADA4255. This error occurs
when the user provided CRC does not match the ADA4255 CRC
calculation. Clear this error flag by writing a 1 to the SPI_CRC_ERR
bit.
Bit 4, SPI_RW_ERR—SPI Read/Write Error
The SPI_RW_ERR error flag indicates that a SPI read and/or write
operation is attempted on an invalid address. This error flag can be
cleared by writing a 1 to this bit.
Bit 3, SPI_SCLK_CNT_ERR—SPI SCLK Count
Error
The SPI_SCLK_CNT_ERR error flag indicates that, during SPI
communication while CS is low, the number of SCLK edges is
either insufficient or excessive. This error flag can be cleared by
writing a 1 to this bit.
Bit 1, MM_CRC_ERR—Memory Map CRC Error
The MM_CRC_ERR error flag indicates that the current internal
memory map does not match the result from the previous SPI write.
If this error occurs, it is recommended to reprogram the ADA4255
registers. This error flag can be cleared by writing a 1 to this bit.
Bit 0, ROM_CRC_ERR—ROM CRC Error
The ROM_CRC_ERR error flag indicates that the internal ROM
did not pass the CRC check. If this error occurs, it is strongly
recommended to reset or power cycle the device. If the error does
not reset with a power cycle or a soft reset, it is possible that the
device is permanently damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com