Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4255ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Data Sheet
ADA4255
THEORY OF OPERATION
analog.com
Rev. 0 | 25 of 64
PROGRAMMABLE GAIN INSTRUMENTATION
AMPLIFIER
The ADA4255 is a direct current mode instrumentation amplifier
implemented with zero drift amplifiers. The ADA4255 topology en-
sures precision operation over temperature. Refer to the simplified
architecture shown in Figure 85 to understand the following circuit
description.
The input multiplexer connects the inputs to Amplifier A3 and
Amplifier A7, which are configured to replicate these input voltages
on the RIN input resistor. The A1, A2, A5, and A6 amplifiers are
configured to replicate the internal reference voltage, VREF, on R1,
R2, R5, and R6, creating four nominally equal dc bias currents in
the drains of M1, M2, M5, and M6. Amplifier A4 and Amplifier A8
are configured to replicate the currents in R3 and R7 in the drains
of M4 and M8, respectively, forming current mirrors.
When a positive voltage is applied to the ADA4255 inputs, a
proportional current is conducted by RIN. The drain currents of M3
and M4 increase by this amount, and the drain currents of M7 and
M8 reduce by this amount. This portion of the amplifier operates
as a transconductance with differential output, each having a gain
of 1/RIN. Output Amplifier A9 is configured as a transimpedance
amplifier with a gain of ROUT. A9 provides a common-mode level
shift to the output and produces the differential output voltage
(VOUT, DIFF) as follows:
VOUT, DIFF= V+IN−V−IN×ROUT×2
RIN
(1)
where:
V+IN is the positive input voltage.
V−IN is the negative input voltage.
The overall gain of the ADA4255 amplifier is 2 × ROUT/RIN. The dif-
ferent gain settings are achieved by internally switching in different
values for ROUT and RIN.
The value of RIN can be set to 12 different values via the G3 to G0
bits, resulting in 12 binary weighted input gains. The value of ROUT
can also be set to three different values via G4 and G5, resulting
in three output scaling gains. Table 6 shows the 36 possible gain
configurations, making the ADA4255 versatile when interfacing with
a wide selection of sensors and ADCs.
Table 6. Possible Gain Settings
Input Gain
Output Scaling Gain (V/V)
1
1.25
1.375
0.0625
0.0625
0.078125
0.085938
0.125
0.125
0.15625
0.171875
0.25
0.25
0.3125
0.34375
0.5
0.5
0.625
0.6875
1
1
1.25
1.375
2
2
2.5
2.75
4
4
5
5.5
8
8
10
11
16
16
20
22
32
32
40
44
64
64
80
88
128
128
160
176
Each amplifier used in the ADA4255 uses a proprietary, zero drift
architecture to ensure low offset voltage, offset voltage drift, and 1/f
noise.
Figure 85. Simplified ADA4255 Programmable Gain Instrumentation Amplifier Topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com