Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11050006125 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 11050006125
Description  Han-Yellock M-c 1.5mm짼 (Au)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

11050006125 Datasheet(HTML) 1 Page - HARTING Technology Group

  11050006125 Datasheet HTML 1Page - HARTING Technology Group 11050006125 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
11 05 000 6125
Han-Yellock M-c 1.5mm² (Au)
Han-Yellock M-c 1.5mm² (Au)
Image is for illustration purposes only. Please refer to product description.
Part number
11 05 000 6125
Specification
Han-Yellock M-c 1.5mm² (Au)
HARTING eCatalogue
https://b2b.harting.com/11050006125
Identification
Category
Contacts
Series
Han-Yellock®
Type of contact
Crimp contact
Version
Gender
Male
Manufacturing process
Turned contacts
Technical characteristics
Conductor cross-section
1.5 mm²
Conductor cross-section
AWG 16
Operating current
≤20 A
Contact resistance
≤2 mΩ
Stripping length
6.5 mm
Material properties
Material (contacts)
Copper alloy
Surface (contacts)
Gold plated
RoHS
compliant with exemption
RoHS exemptions
6(c): Copper alloy containing up to 4 % lead by weight
ELV status
compliant with exemption
China RoHS
50
REACH Annex XVII substances
No
Page 1 / 2 | Creation date 2021-05-17 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 11050006125

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
11050006122 HARTING-11050006122 Datasheet
447Kb / 2P
Han-Yellock M-c 0.5mm짼 (Au)
11050006123 HARTING-11050006123 Datasheet
447Kb / 2P
Han-Yellock M-c 0.75mm짼 (Au)
11050006124 HARTING-11050006124 Datasheet
447Kb / 2P
Han-Yellock M-c 1mm짼 (Au)
11050006126 HARTING-11050006126 Datasheet
447Kb / 2P
Han-Yellock M-c 2.5mm짼 (Au)
11050006127 HARTING-11050006127 Datasheet
447Kb / 2P
Han-Yellock M-c 3mm짼 (Au)
More results

Similar Description - 11050006125

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
11-05-000-6225 HARTING-11-05-000-6225 Datasheet
450Kb / 2P
Han-Yellock F-c 1.5mm짼 (Au)
11-05-000-6221 HARTING-11-05-000-6221 Datasheet
450Kb / 2P
Han-Yellock F-c 0.37mm짼 (Au)
11-05-000-6205 HARTING-11-05-000-6205 Datasheet
478Kb / 2P
Han-Yellock F-c 1.5mm짼 (Ag)
11-05-000-6128 HARTING-11-05-000-6128 Datasheet
447Kb / 2P
Han-Yellock M-c 4mm짼 (Au)
11-05-000-6127 HARTING-11-05-000-6127 Datasheet
447Kb / 2P
Han-Yellock M-c 3mm짼 (Au)
11-05-000-6126 HARTING-11-05-000-6126 Datasheet
447Kb / 2P
Han-Yellock M-c 2.5mm짼 (Au)
11-05-000-6124 HARTING-11-05-000-6124 Datasheet
447Kb / 2P
Han-Yellock M-c 1mm짼 (Au)
11-05-000-6105 HARTING-11-05-000-6105 Datasheet
473Kb / 2P
Han-Yellock M-c 1.5mm짼 (Ag)
11-05-000-6122 HARTING-11-05-000-6122 Datasheet
447Kb / 2P
Han-Yellock M-c 0.5mm짼 (Au)
11-05-000-6123 HARTING-11-05-000-6123 Datasheet
447Kb / 2P
Han-Yellock M-c 0.75mm짼 (Au)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com