Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSAT500N8 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZSAT500N8
Description  5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSAT500N8 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZSAT500N8 Datasheet HTML 1Page - Zetex Semiconductors ZSAT500N8 Datasheet HTML 2Page - Zetex Semiconductors ZSAT500N8 Datasheet HTML 3Page - Zetex Semiconductors ZSAT500N8 Datasheet HTML 4Page - Zetex Semiconductors ZSAT500N8 Datasheet HTML 5Page - Zetex Semiconductors ZSAT500N8 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATING
Input voltage
20V
Output Current(Io)
200mA
Operating Temperature
-55 to 125°C
Storage Temperature
-65 to 150°C
Power Dissipation (Tamb=25°C)
SOT223
3W(Note 3)
TO92
600mW
SO8
780mW(Note 3)
ZSAT500
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=9V
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
4.875
5
5.125
V
IO=1 to 200mA
Tj=-55 to 125°C
4.8
5.2
V
Vin=7 to 20V
IO=1 to 100mA
Tj=-55 to 125°C
4.8
5.2
V
∆V
O
Line Regulation
V
in=7 to 20V
1040mV
∆V
O
Load Regulation
I
O=1 to 200mA
IO=1 to 100mA
5
2
25
mV
mV
l
q
Quiescent Current
Tj=-55 to 125°C
350
600
µA
∆l
q
Quiescent Current Change IO=1 to 200mA
Vin=7 to 20V
50
100
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10KHz
75
µV rms
∆V
in /∆VO
Ripple Rejection
Vin=8 to 18V
f=120Hz-22KHz
65
dB
∆V
in /∆VO
Ripple Rejection
Vin=8 to 18V
f=200KHz
40
dB
V
in
Input Voltage Required
To Maintain Regulation
7
6.7
V
∆V
O/∆T
Average Temperature
Coefficient of VO
IO=5.0mA
Tj=-55 to 125°C
0.1
mV/°C
VGI
Reverse Supply
Protection Diode Forward
Voltage
IGI=500mA
2
V
4-300



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com