Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD291P4 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD291P4
Description  16-24 GHz Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD291P4 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD291P4 Datasheet HTML 1Page - Qorvo, Inc CMD291P4 Datasheet HTML 2Page - Qorvo, Inc CMD291P4 Datasheet HTML 3Page - Qorvo, Inc CMD291P4 Datasheet HTML 4Page - Qorvo, Inc CMD291P4 Datasheet HTML 5Page - Qorvo, Inc CMD291P4 Datasheet HTML 6Page - Qorvo, Inc CMD291P4 Datasheet HTML 7Page - Qorvo, Inc CMD291P4 Datasheet HTML 8Page - Qorvo, Inc CMD291P4 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CMD291P4
16-24 GHz Driver Amplifier
Data Sheet | April 14, 2021 | Subject to change without notice
1 of 13
www.qorvo.com
®
Product Overview
The CMD291P4 is a wideband GaAs MMIC driver amplifier
housed in a leadless 4x4 mm surface mount package. The
broadband device operates from 16 to 24 GHz and is
ideally suited for applications requiring high dynamic range.
The
CMD291P4
delivers
22
dB
of
gain
with
a
corresponding output 1 dB compression point of +25.5 dBm
and output IP3 of 31.5 dBm at 20 GHz. The amplifier is a
50 ohm matched design which eliminates the need for
external DC blocks and RF port matching.
Functional Block Diagram
Electrical Performance (Vdd = 5 V, Idd = 250 mA, TA = 25o C, F = 20 GHz)
)
)
)
)
)
)
Parameter
Min
Typ
Max
Units
Frequency Range
16 - 24
GHz
Gain
22
dB
Noise Figure
5
dB
Input Return Loss
18
dB
Output Return Loss
13
dB
Output P1dB
25.5
dBm
Psat
26.5
dBm
Output IP3
31.5
dBm
Supply Current
250
mA
Key Features
• Wideband Performance
• High Gain
• High Linearity
• HMC498LC4 Replacement
• Pb-Free RoHs Compliant 4x4 QFN Package
Ordering Information
Part No.
Description
CMD291P4
100 pcs on 7
” reel (standard)
CMD291P4-EVB
Evaluation Board


Similar Part No. - CMD291P4

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD291 QORVO-CMD291 Datasheet
227Kb / 12P
16-24 GHz Driver Amplifier
logo
Custom MMIC Design Serv...
CMD2910 MMIC-CMD2910 Datasheet
227Kb / 12P
16-24 GHz Driver Amplifier
More results

Similar Description - CMD291P4

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD158 MMIC-CMD158 Datasheet
207Kb / 10P
6-16 GHz Driver Amplifier
CMD158C4 MMIC-CMD158C4 Datasheet
248Kb / 10P
6-16 GHz Driver Amplifier
CMD197C4 MMIC-CMD197C4 Datasheet
278Kb / 10P
1-24 GHz Distributed Driver Amplifier
CMD197 MMIC-CMD197 Datasheet
387Kb / 10P
1-24 GHz Distributed Driver Amplifier
CMD305 MMIC-CMD305 Datasheet
229Kb / 12P
6-16 GHz Driver Amplifier
CMD2910 MMIC-CMD2910 Datasheet
227Kb / 12P
16-24 GHz Driver Amplifier
logo
Qorvo, Inc
CMD317C4 QORVO-CMD317C4 Datasheet
430Kb / 14P
1-24 GHz Distributed Driver Amplifier
CMD305C4 QORVO-CMD305C4 Datasheet
377Kb / 13P
6-16 GHz Driver Amplifier
CMD305 QORVO-CMD305 Datasheet
566Kb / 13P
6-16 GHz Driver Amplifier
CMD291 QORVO-CMD291 Datasheet
227Kb / 12P
16-24 GHz Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com