Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD264P3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD264P3
Description  6-18 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD264P3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD264P3 Datasheet HTML 1Page - Qorvo, Inc CMD264P3 Datasheet HTML 2Page - Qorvo, Inc CMD264P3 Datasheet HTML 3Page - Qorvo, Inc CMD264P3 Datasheet HTML 4Page - Qorvo, Inc CMD264P3 Datasheet HTML 5Page - Qorvo, Inc CMD264P3 Datasheet HTML 6Page - Qorvo, Inc CMD264P3 Datasheet HTML 7Page - Qorvo, Inc CMD264P3 Datasheet HTML 8Page - Qorvo, Inc CMD264P3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD264P3 is a broadband MMIC low
noise amplifier housed in a leadless 3x3 mm
plastic surface mount package. The CMD264P3
is ideally suited for EW and communications
systems where small size and low power
consumption are needed. The broadband device
delivers greater than 26 dB of gain with a
corresponding output 1 dB compression point of
+12 dBm and a noise figure of 1.6 dB at 10
GHz. The CMD264P3 is a 50 ohm matched
design eliminating the need for external DC
blocks and RF port matching.
► Ultra low noise figure
► High gain broadband performance
► Single supply voltage: +3.0 V @ 63 mA
► Pb-free RoHs compliant 3x3 QFN package
Electrical Performance - Vdd = 3.0 V, TA = 25
oC, F = 10 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
26.5
dB
Noise Figure
1.6
dB
Input Return Loss
13
dB
Output Return Loss
16
dB
Output P1dB
12
dBm
Supply Current
63
mA
6 - 18
ver 1.1 0418
CMD264P3
6-18 GHz Low Noise Amplifier


Similar Part No. - CMD264P3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD264P3 MMIC-CMD264P3 Datasheet
256Kb / 10P
6-18 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD264P3 QORVO-CMD264P3 Datasheet
362Kb / 11P
6-18 GHz Low Noise Amplifier
November 4, 2021
CMD264P3 QORVO-CMD264P3_V01 Datasheet
362Kb / 11P
6-18 GHz Low Noise Amplifier
November 4, 2021
More results

Similar Description - CMD264P3

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CLA-18-6004 TELEDYNE-CLA-18-6004 Datasheet
898Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6005 TELEDYNE-CLA-18-6005 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6006 TELEDYNE-CLA-18-6006 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6007 TELEDYNE-CLA-18-6007 Datasheet
896Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6004 TELEDYNE-TLA-18-6004 Datasheet
893Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6005 TELEDYNE-TLA-18-6005 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6006 TELEDYNE-TLA-18-6006 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6007 TELEDYNE-TLA-18-6007 Datasheet
891Kb / 2P
Low Noise Amplifier 6 GHz - 18 GHz
logo
Custom MMIC Design Serv...
CMD157 MMIC-CMD157 Datasheet
214Kb / 9P
6-18 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD264P3 QORVO-CMD264P3_V01 Datasheet
362Kb / 11P
6-18 GHz Low Noise Amplifier
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com