Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF3055 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF3055
Description  Motor Control. Protable equipment application.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF3055 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF3055 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Drain Current
T
J- Junction Temperature (°C)
Safe Operation Area
V
DS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Power Dissipation
T
J - Junction Temperature (°C)
N Channel Typical Operating Characteristics
0
20
40
60
80 100 120 140 160
0
3
6
9
12
15
18
21
T
C=25
oC
0
20
40
60
80 100 120 140 160
0
4
8
12
16
20
24
28
T
C=25
oC,V
G=10V
0.1
1
10
100
0.1
1
10
100
300
100ms
300ms
10ms
1ms
DC
Rd
s(
on
) L
im
it
T
C=25
oC
1E-6
1E-5
1E-4
1E-3
0.01
0.1 0.5
1E-4
1E-3
0.01
0.1
1
3
R
qJC :6.6
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
WSF3055
N-Ch and P-Channel MOSFET
Page 3
www.winsok.tw
Rev1.0 May.2020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com