Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSD3068DN Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD3068DN
Description  DC/DC Converters in Computing, Servers, and POL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD3068DN Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD3068DN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3068DN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3068DN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3068DN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3068DN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3068DN Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
30
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.028
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=
20A
---
4
.8
6.5
m
Ω
VGS=4.5V , ID=
20A
---
7.6
10
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.
0
---
2.5
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
-6.
06
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=24V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=24V , VGS=0V , TJ=55℃
---
---
30
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
Qg
Total Gate Charge (4.5V)
VDS=15V , VGS=4.5V , ID=
20A
---
8.4
nC
Qgs
Gate-Source Charge
---
2.2
Qgd
Gate-Drain Charge
---
3.5
Td(on)
Turn-On Delay Time
VDD=15V , VGen=10V ,
RG=
6Ω, ID=1A, RL=15Ω.
---
3.5
ns
Tr
Rise Time
---
5.5
Td(off)
Turn-Off Delay Time
---
13.5
Tf
Fall Time
---
4.6
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
690
pF
Coss
Output Capacitance
---
310
Crss
Reverse Transfer Capacitance
---
54
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
VG=VD=0V , Force Current
---
---
43
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
---
---
1.2
V
Note :
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
WSD3068DN
Page 2
www.winsok.tw
Rev1.Apr.2019
N-Ch MOSFET
---
---
---
---
---
---
---
---
---
---
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C.
The value in any given application depends on the user's specific board design.
B: Pulse width limited by max, junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating, package limited 50A.
D: Pulse Test:Pulse Width≤ 300us,Duty Cyde≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com