Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC600 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # ABC600
Description  600 W standard, 420 W convection cooled
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button ABC600_V01 Datasheet HTML 4Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 5Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 6Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 7Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 8Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 9Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 10Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 11Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ABC600 Series
11
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00336_AJ
Label
J101-1
J101-5
J101
J103
J102
J106
J107
M3X0.5P Thread Hole
for customer system mounting;
Mounting screw insert into
PSU chasis 5.0mm Max.
(2 holes on each side)
Customer side
mounting screw insert
into PSU chasis
5.0mm max.
M3X0.5P Thread Hole
for customer system mounting;
(6 holes on bottom side)
9.6
188.5
41.6
53.9
193
5.1
A
A
A-A
Note: A 3D step file of power
supply casing is available on quest
Airflow Direction
Airflow Direction
or
157.5
6.35
203.2 ±0.5
6.35
190.5
Figure 7. Mechanical Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com