Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC800 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC800
Description  Convection or Forced Air Cooling
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC800 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC800 Datasheet HTML 1Page - Bel Fuse Inc. ABC800 Datasheet HTML 2Page - Bel Fuse Inc. ABC800 Datasheet HTML 3Page - Bel Fuse Inc. ABC800 Datasheet HTML 4Page - Bel Fuse Inc. ABC800 Datasheet HTML 5Page - Bel Fuse Inc. ABC800 Datasheet HTML 6Page - Bel Fuse Inc. ABC800 Datasheet HTML 7Page - Bel Fuse Inc. ABC800 Datasheet HTML 8Page - Bel Fuse Inc. ABC800 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ABC800 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.01018_B
Output Voltage
Refer to Model Selection table for details
12 V to 58 V
Standby Output Voltage
3
5 V
Output Power
4
Forced Air Cooling
U-Channel
U-Channel + Slotted Cover / Plain Cover
5
up to 800 W
up to 750 W
Efficiency
120 VAC:
240 VAC:
88% Typical
93%
Hold-up Time
120 VAC / 240 VAC:
8 ms
Line Regulation
± 0.5%
Load Regulation
± 1.0%
Transient Response
50% to 100% load change, 50 Hz, 50% duty cycle, 0.1 A/
μs
< 10%,
recovery time < 5 ms
Voltage Adjustment
± 3%
Set Point Tolerance
± 1%
Rise Time
<100 ms
Over Current Protection
Hic-Up Type, autorecovery
110%
Over Voltage Protection
Latch Type, AC Power to be recycled for recovery
114%
Short Circuit Protection
Latch Type, AC Power to be recycled for recovery
Over Temperature Protection
Autorecovery
130 - 140°C primary heat sink
Current Share
Up to 3 supplies connected in parallel (optional)
Cooling
Forced Air Cooling
U-Channel
U-Channel + Slotted Cover
U-Channel + Plain Cover
up to 800 W
up to 560 W
up to 480 W
3
Standby output voltage 5 V / 1.5 A (convection) with tolerance including set point accuracy, line and load regulation is +/ -10%. Ripple and
noise is less than 5%.
4
Combined output power of main output, fan supply and standby supply shall not exceed max. power rating.
5
Refer to Derating curves
Conducted Emissions
EN 55032
Class B
Radiated Emissions
EN 55032
With External king core K5B RC 25x12x15-M or equivalent
Class A
Class B
Input Current Harmonics
EN 61000-3-2
Class A
Voltage Fluctuation and Flicker
EN 61000-3-3
Complies
ESD Immunity
EN 61000-4-2
A
Radiated Field Immunity
EN 61000-4-3
A
Electrical Fast Transient Immunity
EN 61000-4-4
A
Surge Immunity
EN 61000-4-5
A
Conducted Immunity
EN 61000-4-6
A
Magnetic Field Immunity
EN 61000-4-8
A
Voltage Dips, Interruptions
EN 61000-4-11
A & B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com