Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICROJ Datasheet(PDF) 2 Page - ON Semiconductor

Part # MICROJ
Description  Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MICROJ Datasheet(HTML) 2 Page - ON Semiconductor

  MICROJ Datasheet HTML 1Page - ON Semiconductor MICROJ Datasheet HTML 2Page - ON Semiconductor MICROJ Datasheet HTML 3Page - ON Semiconductor MICROJ Datasheet HTML 4Page - ON Semiconductor MICROJ Datasheet HTML 5Page - ON Semiconductor MICROJ Datasheet HTML 6Page - ON Semiconductor MICROJ Datasheet HTML 7Page - ON Semiconductor MICROJ Datasheet HTML 8Page - ON Semiconductor MICROJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
J−Series SiPM Sensors
www.onsemi.com
2
Table 3. PERFORMANCE PARAMETERS
Parameter (Note 4)
30035
40035
60035
Unit
Overvoltage
Unit
+2.5 V
+6 V
+2.5 V
+6 V
+2.5 V
+6 V
PDE (Note 5)
38
50
38
50
38
50
%
Dark Count Rate
50
150
50
150
50
150
kHz/mm2
Gain (anode-cathode)
2.9 × 106
6.3 × 106
2.9 × 106
6.3 × 106
2.9 × 106
6.3 × 106
Dark Current − typical
0.23
1.9
0.35
3.0
0.9
7.5
mA
Dark Current − maximum
0.31
3.00
0.45
4.0
1.25
12.0
Rise Time (Note 6) − anode-cathode output
90
110
90
110
180
250
ps
Microcell Recharge Time Constant (Note 7)
45
48
50
ns
Capacitance (Note 8) (anode output)
1070
1800
4140
pF
Capacitance (Note 8) (fast output)
40
70
160
pF
Fast Output Pulse Width (FWHM)
1.5
1.7
3.0
ns
Crosstalk
8
25
8
25
8
25
%
Afterpulsing
0.75
5.0
0.75
5.0
0.75
5.0
%
Parameter (Note 4)
30020
Unit
Overvoltage
+2.5 V
+5 V
PDE (Note 5)
30
38
%
Dark Count Rate
50
125
kHz/mm2
Gain (anode-cathode)
1.0 × 106
1.9 × 106
Dark Current − typical
0.1
0.45
mA
Dark Current − maximum
0.2
0.72
Rise Time (Note 6) − anode-cathode output
130
160
ps
Microcell Recharge Time Constant (Note 7)
15
ns
Capacitance (Note 8) (anode output)
1040
pF
Capacitance (Note 8) (fast output)
50
pF
Fast Output Pulse Width (FWHM)
1.4
ns
Crosstalk
2.5
7.5
%
Afterpulsing
0.75
5.0
%
4. All measurements made at 21°C unless otherwise stated.
5. PDE does not contain afterpulsing or crosstalk, and is quoted at the peak wavelength (lp).
6. Measured as time to go from 10% to 90% of the peak amplitude and measured over a 1 W series output resistor.
7. RC charging time constant of the microcell (τ).
8. Capacitance values are for the complete TSV package.
Table 4. TVS PACKAGE SPECIFICS
3 mm
4 mm
6 mm
30020, 30035
40035
60035
Package Dimensions
3.16 × 3.16 mm2
4.00 × 4.00 mm2
6.13 × 6.13 mm2
Recommended Operating Temperature Range
−40°C − +85°C
Soldering Conditions
Reflow Solder
Cover Material
Glass
Cover Refractive Index
1.53 @ 436 nm
Moisture Sensitivity Level
Tape & reel
MSL3*
Cut tape
MSL4*
Maximum Average Current
10 mA
10 mA
15 mA
*Please refer to the TSV Handling and Soldering guide for more information on MSL for different delivery options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com