Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRORB Datasheet(PDF) 2 Page - ON Semiconductor

Part # MICRORB
Description  Silicon Photomultipliers (SiPM), Red-Enhanced Second Generation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MICRORB Datasheet(HTML) 2 Page - ON Semiconductor

  MICRORB Datasheet HTML 1Page - ON Semiconductor MICRORB Datasheet HTML 2Page - ON Semiconductor MICRORB Datasheet HTML 3Page - ON Semiconductor MICRORB Datasheet HTML 4Page - ON Semiconductor MICRORB Datasheet HTML 5Page - ON Semiconductor MICRORB Datasheet HTML 6Page - ON Semiconductor MICRORB Datasheet HTML 7Page - ON Semiconductor MICRORB Datasheet HTML 8Page - ON Semiconductor MICRORB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RB−Series SiPM Sensors
www.onsemi.com
2
Table 3. PERFORMANCE PARAMETERS
Parameter (Note 6)
10010
10020
10035
Unit
PDE @ 905 nm @ Maximum Overvoltage (Notes 7, 8)
4.0
7.3
10.3
%
PDE @ 905 nm @ Typical Overvoltage (Notes 6, 7)
4.0
5.6
9.1
%
Responsivity @ 905 nm @ Maximum Overvoltage (Note 8)
52
270
420
kA/W
Responsivity @ 905 nm @ Typical Overvoltage (Note 6)
52
61
240
kA/W
Gain − Cathode-anode Output (Note 6)
0.7 × 106
0.9 × 106
1.7 × 106
Dark Count Rate (Notes 6, 9)
2.5
2.7
2.6
MHz
Dark Current (Note 6)
0.52
0.54
1.5
mA
Rise Time − Standard Output (Notes 6, 10)
1.5
1.0
0.9
ns
Microcell Recharge Time Constant (Notes 6, 10, 11)
12
21
73
ns
Rise Time − Fast Output (Notes 6, 10)
490
490
490
ps
Fast Output Pulse Width (FWHM) (Notes 6, 10)
2.3
2.0
3.7
ns
Crosstalk (Note 6, 12)
30
22
43
%
Afterpulsing (Note 6)
13
6
1
%
Excess Noise Factor (Note 6)
1.34
1.19
1.22
Temperature Coefficient of Vbr
See page 5
6. All measurements made at 21°C and ‘Typical’ overvoltage (see page 1) unless otherwise specified.
7. PDE (Photon Detection Efficiency) is the product of the QE * AIP * FF, where QE is quantum efficiency, AIP is the avalanche initiation
probability and FF is the fill factor of the microcells.
8. Measured at maximum overvoltage.
9. Each thermally generated ‘noise’ carrier in the active volume of the sensor will generate a signal equal to that of a single photon. The rate
of these spurious counts is referred to as the dark count rate.
10.All timing measurements acquired using a ON Semiconductor SMA board, see page 6.
11. RC charging time constant of the microcell (τ).
12.A lower overvoltage can be used to achieve lower crosstalk.
Table 4. PACKAGE PARAMETERS
Parameter
10010
10020
10035
Package Dimensions
1.5 mm × 1.8 mm
Soldering Conditions
Lead-free, reflow soldering process compatible.
See the SMT Handling application note for more details
Encapsulant Type
Clear transfer molding compound
Encapsulant Refractive Index
1.57 @ 589 nm
Moisture Sensitivity Level (MSL)
MSL 3 for tape & reel (TR)
MSL 4 for tape only (TR1)
Table 5. ABSOLUTE MAXIMUM RATINGS
Rating
10010
10020
10035
Maximum Average Current
3 mA
Recommended Operating Temperature Range
−40°C to +85°C
Maximum Storage Temperature
105°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com