Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMAXQUSB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # CMAXQUSB
Description  USB Powered
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CMAXQUSB Datasheet(HTML) 1 Page - Maxim Integrated Products

  CMAXQUSB Datasheet HTML 1Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 2Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 3Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 4Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 5Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 6Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 7Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 8Page - Maxim Integrated Products CMAXQUSB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMAXQUSB User’s Guide
1
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The Maxim Command Module (CMAXQUSB) receives
commands from an IBM PC through the USB to create
an SPI™ or SMBus™/I2C-compatible interface. Maxim
evaluation kits (EV kits) that make use of the
CMAXQUSB require custom software and can be
ordered together as an evaluation system (EV system).
Ordering information for EV systems is included in the
EV kit’s corresponding data sheet.
An EV system is an EV kit combined with an interface
board such as a CMAXQUSB and custom software.
Refer to the appropriate EV kit data sheet for quick start
and detailed operating instructions.
The use of the CMAXQUSB as a MAXQ2000 develop-
ment target is not supported. Rather, use the
MAXQ2000
EV kit (available at www.maxim-ic.com/MAXQ2000-KIT)
for this purpose.
The CMAXQUSB has been tested on Windows® 98
Second Edition, Windows 2000, and Windows XP®.
Features
o PC-Controlled I/O Platform
o USB Powered
o Provides 2.5V, 3.3V, or 5V to EV Kit
o SPI Bus: 8MHz Burst
o I2C/2-Wire Bus: Fast 400kHz/Standard 100kHz
o Optional 1.5kΩ I2C Bus Pullup Resistors
Component List
19-3838; Rev 2; 12/10
Ordering Information
PART
PC INTERFACE
OPERATING SYSTEMS
SUPPORTED
CMAXQUSB+
USB
Windows 98SE/2000/XP
DESIGNATION
QTY
DESCRIPTION
C1, C2, C3
3
22µF ±10%, 16V X5R ceramic
capacitors (1210)
TDK C3225X5R1C226K
C4
1
4.7µF ±10%, 10V X7R ceramic
capacitor (0805)
TDK C2012X5R1A475K
C5
1
0.033µF ±10%, 6.3V (min) X7R
ceramic capacitor (0603)
TDK C1608X7R1E333K
Murata GRM188R71E333K
Taiyo Yuden EMK107BJ333KA
C6, C7
2
22pF ±5% C0G ceramic capacitors
(0603)
TDK C1608C0G1H220J
Murata GRM1885C1H220J
C8, C9
2
10pF ±5% C0G ceramic capacitors
(0603)
Murata GRM1885C1H100J
TDK C1608C0G1H100J
C10–C16,
C23–C32
(on back of
board)
17
0.1µF ±10%, 10V (min) X7R ceramic
capacitors (0603)
TDK C1608X7R1E104K
DESIGNATION
QTY
DESCRIPTION
C17–C22
(on back of
board)
6
1µF, 6.3V (min) X7R ceramic
capacitors (0603)
TDK C1608X5R0J105K
Murata GRM188R60J105K
Taiyo Yuden JMK107BJ105MA
D1
1
100V, 1A bridge rectifier
(D-70/DIP-6)
Diodes Inc. DF005M
J2, J3,
JU2–JU5
0
Not installed, 2-pin headers
LED1, LED2
2
Red LEDs (T1-3/4)
Panasonic LN21RPH
LED3
1
Yellow (amber) LED (T1-3/4)
Panasonic LN41YPH
LED4
1
Green LED (T1-3/4)
Panasonic LN31GCPH
P2
1
USB type-B, right-angle PC-mount
receptacle
P3
1
20-pin (2 x 10) right-angle male
header
P4
1
40-pin (2 x 20) right-angle male
header
P5 (JTAG)
1
10-pin (2 x 5) vertical header,
keyed pin 7
SPI is a trademark of Motorola, Inc.
SMBus is a trademark of Intel Corp.
Windows and Windows XP are registered trademarks of
Microsoft Corp.
+Denotes lead(Pb)-free and RoHS compliant.


Similar Part No. - CMAXQUSB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
CMAXQUSB MAXIM-CMAXQUSB Datasheet
1Mb / 14P
Proven PC Board Layout
Rev 3; 3/21
CMAXQUSB+ MAXIM-CMAXQUSB+ Datasheet
2Mb / 12P
Measures Remote Diode Temperature
Rev 1; 1/12
CMAXQUSB+ MAXIM-CMAXQUSB+ Datasheet
306Kb / 13P
Windows 98SE/2000/XP-Compatible Evaluation Software
Rev 0; 3/09
More results

Similar Description - CMAXQUSB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1811 MAXIM-MAX1811 Datasheet
167Kb / 8P
USB-Powered Li Charger
19-2024; Rev 2; 6/03
logo
SMSC Corporation
USB2223-03 SMSC-USB2223-03 Datasheet
286Kb / 20P
BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
logo
National Instruments Co...
NIUSB-5132 NI-NIUSB-5132 Datasheet
188Kb / 8P
Bus-Powered USB Digitizers
logo
STMicroelectronics
AN1040 STMICROELECTRONICS-AN1040 Datasheet
33Kb / 4P
FOR USB SELF-POWERED DEVICES
16-Aug-1999
logo
Murata Power Solutions ...
NMUSB202MC MURATA-PS-NMUSB202MC Datasheet
563Kb / 8P
Powered Dual Port USB Data Isolator
logo
Silicon Laboratories
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
Powered from USB port or external
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
Fully powered from a single USB port
logo
Maxim Integrated Produc...
MAX22192EVKIT MAXIM-MAX22192EVKIT Datasheet
4Mb / 29P
EV Kit Logic-Side is USB-Powered
Rev 1; 3/19
MAX1452EVKIT MAXIM-MAX1452EVKIT Datasheet
2Mb / 21P
USB Powered
2021
MAX1811 MAXIM-MAX1811_V01 Datasheet
1Mb / 8P
USB-Powered Li Charger
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com