Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2575-3.3VAT Datasheet(PDF) 23 Page - TelCom Semiconductor, Inc

Part # TC2575-3.3VAT
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575-3.3VAT Datasheet(HTML) 23 Page - TelCom Semiconductor, Inc

Back Button TC2575-3.3VAT Datasheet HTML 17Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 18Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 19Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 20Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 21Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 22Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 23Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 24Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 25Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
23
TC2575
TC2575-1 3/13/00
1.0A Step-Down Switching Regulator
TYPICAL CHARACTERISTICS (Circuit of Figure 2 Cont.)
OUTPUT
VOLTAGE
(PIN 2)
OUTPUT
CURRENT
(PIN 2)
OUTPUT
RIPPLE
VOLTAGE
100
–50
–50
10 V
–0
0
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
5.0
µsec/DIV
100
µsec/DIV
TJ, JUNCTION TEMPERATURE (°C)
Figure 26. Standby Quiescent Current
VIN , INPUT VOLTAGE (V)
Figure 27. Standby Quiescent Current
Figure 28. Oscillator Frequency
Figure 29. Feedback Pin Current
Figure 30. Switching Waveforms
Figure 31. Load Transient Response
VIN = 12V
VON/OFF = 5.0V
TJ = 25°C
–100
1.0 A
1.0
40
0
2.0
0.5
20
1.0 A
0
120
0
0
100
0.5 A
–2.0
100
–40
80
–4.0
60
40
20 mV
–8.0
20
0
–10
0
0
0
40
80
120
60
20
–6.0
/DIV
–20
–25
–25
–25
5.0
0
0
0
10
25
25
25
15
50
50
50
20
75
75
75
25
100
100
100
30
125
125
125
40
35
Vin = 12V
Normalized at 25
°C
Adjustable
Version Only
CURRENT
INDUCTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com