Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMD307P3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD307P3
Description  8-16 GHz Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD307P3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD307P3 Datasheet HTML 1Page - Qorvo, Inc CMD307P3 Datasheet HTML 2Page - Qorvo, Inc CMD307P3 Datasheet HTML 3Page - Qorvo, Inc CMD307P3 Datasheet HTML 4Page - Qorvo, Inc CMD307P3 Datasheet HTML 5Page - Qorvo, Inc CMD307P3 Datasheet HTML 6Page - Qorvo, Inc CMD307P3 Datasheet HTML 7Page - Qorvo, Inc CMD307P3 Datasheet HTML 8Page - Qorvo, Inc CMD307P3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD307P3 is a broadband MMIC low noise
amplifier housed in a leadless 3x3 mm plastic
surface mount package.
The CMD307P3 is
ideally suited for EW and communication
systems where small size and low power
consumption are needed.
The device operates
from 8 to 16 GHz and delivers greater than 17 dB
of gain with a corresponding output 1 dB
compression point of +12 dBm and noise figure
of 2 dB. The CMD307P3 is a 50 ohm matched
design which eliminates the need for external DC
blocks and RF port matching.
Electrical Performance - Vdd = 3.0 V, TA = 25
oC, F=12 GHz
Features
Description
Functional Block Diagram
ver 1.0 0819
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
17
dB
Noise Figure
2
dB
Input Return Loss
11
dB
Output Return Loss
16
dB
Output P1dB
12
dBm
Supply Current
55
mA
8 - 16
► Low noise figure
► Low current consumption
► Single positive supply voltage
► Pb-free RoHs compliant 3x3 QFN package
CMD307P3
8-16 GHz Low Noise Amplifier


Similar Part No. - CMD307P3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD307P3 MMIC-CMD307P3 Datasheet
251Kb / 12P
8-16 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD307P3 QORVO-CMD307P3 Datasheet
344Kb / 13P
8-16 GHz Low Noise Amplifier
June 2, 2021
CMD307P3-EVB QORVO-CMD307P3-EVB Datasheet
344Kb / 13P
8-16 GHz Low Noise Amplifier
June 2, 2021
CMD307P3 QORVO-CMD307P3_V01 Datasheet
344Kb / 13P
8-16 GHz Low Noise Amplifier
June 2, 2021
More results

Similar Description - CMD307P3

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6231 HP-AMMC-6231 Datasheet
954Kb / 8P
16-32 GHz Low Noise Amplifier
logo
Teledyne Technologies I...
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
logo
Custom MMIC Design Serv...
CMD167P3 MMIC-CMD167P3 Datasheet
253Kb / 10P
8-16 GHz Low Noise Amplifier
CMD307 MMIC-CMD307 Datasheet
244Kb / 12P
8-16 GHz Low Noise Amplifier
CMD307P3 MMIC-CMD307P3 Datasheet
251Kb / 12P
8-16 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD307 QORVO-CMD307 Datasheet
244Kb / 12P
8-16 GHz Low Noise Amplifier
CMD307P3 QORVO-CMD307P3_V01 Datasheet
344Kb / 13P
8-16 GHz Low Noise Amplifier
June 2, 2021
CMD307 QORVO-CMD307_V01 Datasheet
272Kb / 13P
8-16 GHz Low Noise Amplifier
August 19, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com