Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDT960 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDT960
Description  3 phase AC input 400 ??500 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDT960 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDT960 Datasheet HTML 1Page - Bel Fuse Inc. LDT960 Datasheet HTML 2Page - Bel Fuse Inc. LDT960 Datasheet HTML 3Page - Bel Fuse Inc. LDT960 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LDT960 Series
tech.support@psbel.com
LDT960-24
400 - 500 VAC / 520 - 725 VDC
3
24 VDC
40 A
LDT960-48
400 - 500 VAC / 520 - 725 VDC
3
48 VDC
20 A
LDT960-72
400 - 500 VAC / 520 - 725 VDC
3
72 VDC
13.3 A
Technical parameters are typical, measured in laboratory environment at 25°C and 400 VAC / 50 Hz, at nominal values, after minimum
5 minutes of operation.
Input AC Voltage Range
Rated, three phase, UL certified
Operating
400 – 500 VAC
340 – 550 VAC
Input DC Voltage Range
Rated
520 – 725 VDC
Input Frequency
47 - 63 Hz
Input AC Current
Vin = 400 VAC
2.4 A
Vin = 500 VAC
2.1 A
Input DC Current
Vin = 520 VDC
2.2 A
Vin = 725 VDC
1.7 A
Inrush Peak Current
≤ 50 A
Touch (Leakage) Current
≤ 0.1 mA
Internal Protection Fuse
None, external fuse must be provided
Recommended External Protection
It is strongly recommended to provide external surge
arresters (SPD) according to local regulations
Fuse 3x 10 AT or 3x MCB 10 A C curve
1 In case of 2 phase operation, reduce the output load to 50% of the nominal value.
Output Power
960 W
Rated Voltage (Adjustable Voltage Range)
LDT960-24
LDT960-48
LDT960-72
24 VDC (23 – 28 VDC)
48 VDC (45 – 55 VDC)
72 VDC (72 – 85 VDC)
Continuous Current
LDT960-24
LDT960-48
LDT960-72
40 A
20 A
13.3 A
Overload Limit (Constant Current Mode)
LDT960-24
LDT960-48
LDT960-72
44 A
22 A
15 A
Overload Limit (Hiccup Mode) (max. 5s)
LDT960-24
LDT960-48
LDT960-72
60 A
30 A
20 A
Load Regulation
LDT960-24
LDT960-48 / LDT960-72
≤ 1.0%
≤ 0.5%
Ripple & Noise2
≤ 100 mVpp
Hold up Time
≥ 15 ms
Protections
Overload, short circuit: Constant current or
Hiccup mode (user settable)
Thermal protection
Output overvoltage
Output Over Voltage Protection
LDT960-24
LDT960-48
LDT960-72
≥ 33 VDC
≥ 68 VDC
≥ 100 VDC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com