Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS94225 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS94225
Description  AMD-K7TM System Clock Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94225 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS94225 Datasheet HTML 1Page - Integrated Circuit Systems ICS94225 Datasheet HTML 2Page - Integrated Circuit Systems ICS94225 Datasheet HTML 3Page - Integrated Circuit Systems ICS94225 Datasheet HTML 4Page - Integrated Circuit Systems ICS94225 Datasheet HTML 5Page - Integrated Circuit Systems ICS94225 Datasheet HTML 6Page - Integrated Circuit Systems ICS94225 Datasheet HTML 7Page - Integrated Circuit Systems ICS94225 Datasheet HTML 8Page - Integrated Circuit Systems ICS94225 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
ICS94225
0445B—08/01/03
Block Diagram
Functionality
Pin Configuration
48-Pin 300mil SSOP
Recommended Application:
AMD 750/760 style chipset
Output Features:
•
3 differential pair open drain CPU clocks (1.5V
external
pull-up; up to 150MHz achieviable through I
2C)
•
2 - AGPCLK @ 3.3V
•
8 - PCI @3.3V, including 1 free running
•
1 - 48MHz @ 3.3V
•
1 - 24/48MHz @ 3.3V
•
2- REF @3.3V, 14.318MHz.
Features:
•
Programmable ouput frequency
•
Programmable ouput rise/fall time
•
Programmable group skew
•
Real time system reset output
•
Spread spectrum for EMI control typically
by 7dB to 8dB,
with programmable spread percentage
•
Watchdog timer technology to reset system
if over-clocking causes malfunction
•
Uses external 14.318MHz crystal
AMD-K7TM System Clock Chip
* Internal 120K pullup resistor on indicated inputs
** Internal 240K pullup resistor on indicated inputs
**FS0/REF0
**FS1/REF1
GNDREF
X1
X2
GNDPCI
PCICLK_F
PCICLK0
VDDPCI
PCICLK1
PCICLK2
GNDPCI
PCICLK3
PCICLK4
VDDPCI
PCICLK5
PCICLK6
VDDAGP
AGP0
AGP1
GNDAGP
VDD48
48MHz
SEL24_48#/24-48MHz
VDDREF
GNDSD
SDRAM_OUT
VDDSD
RESERVED
CPUCLKC2
CPUCLKT2
GNDCPU
CPUCLKC1
CPUCLKT1
GND
CPUCLKC0
CPUCLKT0
RESET#
VDD
GND
PCI_STOP#
CPU_STOP#
PD#
SPREAD#
FS2*
SDATA
SCLK
GND48
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Power Groups
VDD48, GND48 = 48MHz, PLL2
VDDREF, GNDREF= REF, X1, X2
VDD, GND = PLL Core
0
0
0
133.33
33.33
66.67
0
0
1
95
31.67
63.33
0
1
0
100.99
33.66
67.33
0
1
1
115
38.33
76.67
1
0
0
100.7
33.57
67.13
1
0
1
103
34.33
68.67
1
1
0
105
35.00
70.00
1
1
1
110
36.67
73.33
PCI
AGP
FS2
FS1
FS0
CPU,
SDRAM
SEL24_48#
SDATA
SCLK
FS (2:0)
PD#
PCI_STOP#
CPU_STOP#
SPREAD#
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
SDRAM_OUT
PCICLK (6:0)
AGP (1:0)
PCICLK_F
2
7
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
PCI
DIVDER
AGP
DIVDER
Stop
Stop
Control
Logic
Config.
Reg.
/ 2
REF (1:0)
3
3
CPUCLKT (2:0)
CPUCLKC (2:0)


Similar Part No. - ICS94225

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS94222 ETC-ICS94222 Datasheet
419Kb / 19P
Programmable System Frequency Generator for PII/III?
logo
Integrated Circuit Syst...
ICS94228 ICST-ICS94228 Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94228YFLF-T ICST-ICS94228YFLF-T Datasheet
135Kb / 17P
Programmable System Clock Chip for AMD - K7??processor
ICS94229 ICST-ICS94229 Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
ICS94229YF-T ICST-ICS94229YF-T Datasheet
246Kb / 17P
Programmable System Clock Chip for AMD - K7 processor
More results

Similar Description - ICS94225

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-110 ICST-ICS9248-110 Datasheet
152Kb / 14P
AMD-K7TM System Clock Chip
Rev C 01/08/01
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
AMD-K7TM System Clock Chip
Rev C 03/19/01
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
AMD - K8 System Clock Chip
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
AMD - K8??System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
AMD - K7TM System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
AMD - K8 System Clock Chip
logo
Renesas Technology Corp
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
AMD-K7TM System Clock Chip
02/23/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com