Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8-PA4A/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R8-PA4A/Q
Description  Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-PA4A/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R8-PA4A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-PA4A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-PA4A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-PA4A/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R8-PA4
http://www.m-system.co.jp/
R8-PA4 SPECIFICATIONS
ES-9739 Rev.2 Page 4/4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
0V
24V_1
NC
0V_1(COM1)
PI1
PI1
24V_1 (COM1)
NC
0V_1
PI1
PI1
COM1
NC
0V_1
PI1
PI1
24V_4
NC
0V_4(COM4)
PI4
PI4
24V_4 (COM4)
NC
0V_4
PI4
PI4
COM4
NC
0V_4
PI4
PI4
VOLTAGE PULSE INPUT
PNP INPUT
NPN INPUT
・
・
・
・
・
INTERNAL POWER
INTERNAL BUS
Comm.
Circuit
Control
Circuit
Power
Circuit
EXC. SUPPLY
INPUT
STATUS LED
+24V
0V
STATUS
IND.
Input Circuit
ROTARY SW
DIP SW
1
2
4
3
1
2
4
3
INPUT CONNECTOR 1
INPUT CONNECTOR 4
■ NPN INPUT
1
2
4
3
0V
Control
Circuit
+24V
+24V
+24V
■ PNP INPUT
1
2
4
3
0V
Control
Circuit
■ VOLTAGE PULSE INPUT
1
2
4
3
COM1
NC
0V_1
PI1
– Side
+ Side
0V
Control
Circuit
INPUT CONNECTOR 1
NC
PI1
24V_1(COM1)
INPUT CONNECTOR 1
NC
0V_1
PI1
INPUT CONNECTOR 1
PI1
Detection
24V_1
0V_1(COM1)
PI1
Detection
0V
0V
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com