Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8-FS16N/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-FS16N/Q
Description  Remote I/O R8 Series DC VOLTAGE/CURRENT INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-FS16N/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-FS16N/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-FS16N/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-FS16N/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-FS16N/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-FS16N/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R8-FS16N
http://www.m-system.co.jp/
R8-FS16N SPECIFICATIONS
ES-9791 Rev.2 Page 2/5
Conversion accuracy is inversely proportional to input span.
Conversion rate: 8 msec.
Input circuit time constant: Approx. 1 msec.
Data range: 0 – 10000 of the input range
(Scaling of converted data is configurable with the
configurator software)
Data allocation: 2
Module addresses in use: 8
Power output (input terminal): Rated curent 3 A DC (rated
current 3 A for internal fuse (slow blow fuse i2t (A2sec) max.
5.04)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or exc. supply to internal bus or internal power to
ground)
CALCULATION EXAMPLES OF CONVERSION ACCURACY
■ Voltage input:
For input setting value 1 - 5 V DC
Conversion accuracy = Input range span (20 V) ÷ input
setting value span (4 V) X 0.05 (%) = 0.25 (%)
■ Current input:
For input setting value 4 - 20 mA DC
Conversion accuracy = Input range span (40 mA) ÷ input
setting value span (16 mA) X 0.1 (%) = 0.25 (%)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
Function Setting
DIP SW
Input Connector
Voltage / Current
DIP SW
8
7
6
5
4
3
2
1
SW1
SW2
On
■ FRONT VIEW
■ SIDE VIEW
RUN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
IN
1
2
39
40
On
1
1 6
O n
1
1 6
Internal Bus Connector
Status Indicator LED
Input Status Indicator LEDs
Internal Bus Connector
V
I
V
I



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com