Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8-DC4C/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-DC4C/Q
Description  Remote I/O R8 Series PHOTO MOSFET RELAY OUTPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DC4C/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-DC4C/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DC4C/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DC4C/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R8-DC4C
http://www.m-system.co.jp/
R8-DC4C SPECIFICATIONS
ES-9743 Rev.2 Page 2/3
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
RUN
Module Address Setting
Rotary SW
Function Setting
DIP SW
Terminator DIP SW
8
7
8
7
SW1
x10
1 2 3 4 5 6 7 8
x1
SW2
SW4
SW3
Term
On
On
Status Indicator LED
Output Status Indicator LED
Internal Bus Connector
Output Connectors
FRONT VIEW
SIDE VIEW
CARD ADD.
DO1
DO2
DO3
DO4
1
0
9
1
0
9
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW4-1 through 4-6 are unused. Be sure to turn
off unused ones.
■ Module Address
The left switch determines the tenth place digit, while the
right switch does the ones place digit of the address.
Address is selected between 0 to 31.
(Factory setting: 0)
Module Address Setting (x1)
Module Address Setting (x10)
1
0
9
1
0
9
■ Output at The Loss of Communication
OUTPUT AT THE LOSS OF COMMUNICATION
SW4-7
Output Hold (*)
(last data correctly rerceived is hold)
OFF
Stop output (Output fixed at OFF)
ON
■ Configuration Mode
CONFIGURATION MODE
SW4
8
DIP switch setting (*)
OFF
PC Configurator and communication
ON
TERMINATOR SW
SW3
Without (*)
OFF
With
ON
■ Terminator DIP SW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com