Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8-DAM16A/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-DAM16A/Q
Description  Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DAM16A/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-DAM16A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DAM16A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DAM16A/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-DAM16A/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-DAM16A/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R8-DAM16A
http://www.m-system.co.jp/
R8-DAM16A SPECIFICATIONS
ES-9718 Rev.2 Page 1/5
Remote I/O R8 Series
DISCRETE INPUT MODULE, 16 points
Functions & Features
• 16 channels for discrete input, compact size remote I/O
module
• 20 pin MIL connector
mm (inch)
12 (.47)
79 (3.11)
115 (4.53)
MODEL: R8–DAM16A[1]
ORDERING INFORMATION
• Code number: R8-DAM16A[1]
Specify a code from below for [1].
(e.g. R8-DAM16A/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
GENERAL SPECIFICATIONS
Connection
•Input:20-pin MIL connector
PWB connector (M-System)
Recommended socket XG5N-201 (Omron)
Recommended contact XG5W-0231 (Omron)
Applicable wire size AWG22, number of conductor
17, diameter of conductor 0.16 mm (The socket and
contact are not included in the package. Refer to the
specifications of the product.)
•Excitation supply, internal bus:
Connected to internal bus connector
•Internal power: Supplied from internal bus connector
Isolation: Input or exc. supply to internal bus or internal
power
Module address: With rotary switch
Terminating resistor: Built-in (DIP Switch, default: disable)
Status indicator: Bi-color (red/green) LED; Refer to the
instruction manual.
Discrete input status indicators: Green LED; Refer to the
instruction manual.
INPUT SPECIFICATIONS
Common: Positive common (NPN)
Number of input: 16 points
Maximum inputs applicable at once: No limit (at 24 V DC)
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage / current: ≥ 15 V DC (input – 24 V) / ≥ 2.3 mA
OFF voltage / current: ≤ 5 V DC (input – 24 V) / ≤ 1 mA
Input current: ≤ 4.5 mA per point at 24 V DC
Input resistance: Approx. 5.7 kΩ
ON delay: ≤ 2.0 msec.
OFF delay: ≤ 2.0 msec.
INSTALLATION
Max. current consumption: 100 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 65 g (2.3 oz)
PERFORMANCE
Data allocation: 1
Module addresses in use: 1
Power output (input terminal): Rated curent 3 A DC (rated
current 3 A for internal fuse (slow blow fuse i2t (A2sec) max.
5.04)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or exc. supply to internal bus or internal power to
ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581


Similar Part No. - R8-DAM16A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-DA4A MSYSTEM-R8-DA4A Datasheet
177Kb / 3P
Remote I/O R8 Series DISCRETE INPUT MODULE
R8-DA4A/Q MSYSTEM-R8-DA4A/Q Datasheet
177Kb / 3P
Remote I/O R8 Series DISCRETE INPUT MODULE
R8-DAT16A2 MSYSTEM-R8-DAT16A2 Datasheet
218Kb / 4P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
R8-DAT16A2/Q MSYSTEM-R8-DAT16A2/Q Datasheet
218Kb / 4P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
R8-DAT8A2 MSYSTEM-R8-DAT8A2 Datasheet
300Kb / 5P
Remote I/O R8 Series NPN DISCRETE INPUT MODULE, 8 points
More results

Similar Description - R8-DAM16A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-PA4 MSYSTEM-R8-PA4 Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
R8-DCT16A2 MSYSTEM-R8-DCT16A2 Datasheet
245Kb / 5P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALZ MSYSTEM-R8-DCM16ALZ Datasheet
188Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALK MSYSTEM-R8-DCM16ALK Datasheet
231Kb / 7P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALH MSYSTEM-R8-DCM16ALH Datasheet
222Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16A MSYSTEM-R8-DCM16A Datasheet
181Kb / 5P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DAT8B2 MSYSTEM-R8-DAT8B2 Datasheet
299Kb / 5P
Remote I/O R8 Series PNP DISCRETE INPUT MODULE, 8 points
R8-DAT8A2 MSYSTEM-R8-DAT8A2 Datasheet
300Kb / 5P
Remote I/O R8 Series NPN DISCRETE INPUT MODULE, 8 points
R8-DAT16A2 MSYSTEM-R8-DAT16A2 Datasheet
218Kb / 4P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
R8-DA4A MSYSTEM-R8-DA4A Datasheet
177Kb / 3P
Remote I/O R8 Series DISCRETE INPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com