Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8-DA4A/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-DA4A/Q
Description  Remote I/O R8 Series DISCRETE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DA4A/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-DA4A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DA4A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DA4A/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R8-DA4A
http://www.m-system.co.jp/
R8-DA4A SPECIFICATIONS
ES-9737 Rev.2 Page 1/3
Remote I/O R8 Series
DISCRETE INPUT MODULE
(4 points)
Functions & Features
• Discrete input module (positive common) with 4 channels
12 (.47)
115 (4.53)
59 (2.32)
mm (inch)
MODEL: R8–DA4A[1]
ORDERING INFORMATION
• Code number: R8-DA4A[1]
Specify a code from below for [1].
(e.g. R8-DA4A/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
GENERAL SPECIFICATIONS
Connection
•Input: 4-pin e-CON connector
PWB connector XN2D-1474-S002 (Omron)
Recommended cable connector XN2A-1470 (Omron)
Applicable wire size 0.08 mm2 (AWG28) - 0.5 mm2 (AWG20)
Outer sheath diameter: max. 1.5 dia
(The cable connector is not included in the package.
Refer to the specifications of the product.)
•Excitation supply, internal bus:
Connected to internal bus connector
•Internal power: Supplied from internal bus connector
Isolation: Input or exc. supply to internal bus or internal
power
Module address: With rotary switch
Terminating resistor: Built-in (DIP Switch, default: disable)
Status indicator: Bi-color (red/green) LED; Refer to the
instruction manual.
Discrete input status indicators: Green LED; Refer to the
instruction manual.
INPUT SPECIFICATIONS
Common: Positive common (NPN)
Number of inputs: 4
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage / current: ≥ 15 V DC (input – 24V) / ≥ 2.3 mA
OFF voltage / current: ≤ 5 V DC (input – 24V) / ≤ 1 mA
Input current: ≤ 4.5 mA per point at 24 V DC
Input resistance: Approx. 5.7 kΩ
ON delay: ≤ 2.0 msec.
OFF delay: ≤ 2.0 msec.
INSTALLATION
Max. current consumption: 80 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 60 g (2.12 oz)
PERFORMANCE
Data allocation: 1
Module addresses in use: 1
Power output (input terminal): Rated current 0.5 A DC per
channel (rated current 3 A for internal fuse (slow blow fuse
i2t (A2sec) max. 0.31); Total: 2 A DC
Max. consumption current: 80 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or exc. supply to internal bus or internal power to
ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581


Similar Part No. - R8-DA4A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-DAM16A MSYSTEM-R8-DAM16A Datasheet
178Kb / 5P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
R8-DAM16A/Q MSYSTEM-R8-DAM16A/Q Datasheet
178Kb / 5P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
R8-DAT16A2 MSYSTEM-R8-DAT16A2 Datasheet
218Kb / 4P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
R8-DAT16A2/Q MSYSTEM-R8-DAT16A2/Q Datasheet
218Kb / 4P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
R8-DAT8A2 MSYSTEM-R8-DAT8A2 Datasheet
300Kb / 5P
Remote I/O R8 Series NPN DISCRETE INPUT MODULE, 8 points
More results

Similar Description - R8-DA4A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-RS4N MSYSTEM-R8-RS4N Datasheet
237Kb / 5P
Remote I/O R8 Series RTD INPUT MODULE
R8-DAT8B2 MSYSTEM-R8-DAT8B2 Datasheet
299Kb / 5P
Remote I/O R8 Series PNP DISCRETE INPUT MODULE, 8 points
R8-DAT8A2 MSYSTEM-R8-DAT8A2 Datasheet
300Kb / 5P
Remote I/O R8 Series NPN DISCRETE INPUT MODULE, 8 points
R8-DAT16A2 MSYSTEM-R8-DAT16A2 Datasheet
218Kb / 4P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
R8-DAM16A MSYSTEM-R8-DAM16A Datasheet
178Kb / 5P
Remote I/O R8 Series DISCRETE INPUT MODULE, 16 points
R8-CT4E MSYSTEM-R8-CT4E Datasheet
207Kb / 5P
Remote I/O R8 Series AC CURRENT INPUT MODULE
R8-TS2 MSYSTEM-R8-TS2 Datasheet
219Kb / 4P
Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
R8-SV4N MSYSTEM-R8-SV4N Datasheet
207Kb / 4P
Remote I/O R8 Series DC VOLTAGE INPUT MODULE
R8-SS4N MSYSTEM-R8-SS4N Datasheet
205Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
R8-SS2 MSYSTEM-R8-SS2 Datasheet
199Kb / 4P
Remote I/O R8 Series DC CURRENT INPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com