Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9850VF Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC9850VF
Description  Clock Generator for PowerQUICC III
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9850VF Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC9850VF Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9850VF Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Advanced Clock Drivers Devices
6
Freescale Semiconductor
MPC9850
Table 8. LVDS DC Characteristics (TA = –40°C to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Differential LVDS Clock Outputs (QC0, QC0 and QC1, QC1) for VDD = 3.3 V ± 5%
VPP
Output Differential Voltage(1) (peak-to-peak)
(LVDS)
1. VPP is the minimum differential input voltage swing required to maintain AC characteristics including tPD and device-to-device skew.
100
400
mV
VOS
Output Offset Voltage
(LVDS)
1050
1600
mV
Table 9. LVPECL DC Characteristics (TA = –40°C to 85°C)(1)
1. AC characteristics are design targets and pending characterization.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Differential LVPECL Clock Inputs (CLK1, CLK1) for VDD = 3.3 V ± 0.5%
VPP
Differential Voltage(2) (peak-to-peak)
(LVPECL)
2. VPP is the minimum differential input voltage swing required to maintain AC characteristics including tPD and device-to-device skew.
250
mV
VCMR
Differential Input Crosspoint Voltage(3)
(LVPECL)
3. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR (AC)
range and the input swing lies within the VPP (AC) specification. Violation of VCMR (AC) or VPP (AC) impacts the device propagation delay,
device and part-to-part skew.
1.0
VDD – 0.6
V
Table 10. LVCMOS I/O DC Characteristics (TA = –40°C to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
LVCMOS for VDD = 3.3 V ± 5%
VIH
Input High Voltage
2.0
VDD + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
IIN
Input Current(1)
1. Inputs have pull-down resistors affecting the input current.
± 200
µAVIN = VDDL or GND
LVCMOS for VDD = 3.3 V ±5%, VDDOA = 3.3 V ± 5 and VDDOB = 3.3 V ± 5%
VOH
Output High Voltage
2.4
V
IOH = –24 mA
VOL
Output Low Voltage
0.5
V
IOL = 24 mA
ZOUT
Output Impedance
14 – 17
Ω
LVCMOS for VDD = 3.3 V ±5%, VDDOA = 2.5 V ± 5% and VDDOB= 2.5 V ± 5%
VOH
Output High Voltage
1.9
V
IOH = –15 mA
VOL
Output Low Voltage
0.4
V
IOL = 15 mA
ZOUT
Output Impedance
18 – 22
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com