Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5029RPG Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # W5029RPG
Description  2.4 2.5 / 5.15 7.125 GHz Stick Antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W5029RPG Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  W5029RPG Datasheet HTML 1Page - Pulse A Technitrol Company W5029RPG Datasheet HTML 2Page - Pulse A Technitrol Company W5029RPG Datasheet HTML 3Page - Pulse A Technitrol Company W5029RPG Datasheet HTML 4Page - Pulse A Technitrol Company W5029RPG Datasheet HTML 5Page - Pulse A Technitrol Company W5029RPG Datasheet HTML 6Page - Pulse A Technitrol Company W5029RPG Datasheet HTML 7Page - Pulse A Technitrol Company W5029RPG Datasheet HTML 8Page - Pulse A Technitrol Company W5029RPG Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Issue: 2103
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
PART NUMBER: W5029X
Series: External Antenna
Description: 2.4-2.5 / 5.15-7.125 GHz Stick Antenna
4
Plastic radome
TPEE
Color
Black
Weight
W5029
11.36 g
W5029RASM
11.36 g
W5029RPG
7.82 g
W5029RPGT
7.82 g
Overall Length
W5029
78 mm
W5029RASM
76.5mm
W5029RPG
76 mm
W5029RPGT
76 mm
IP Rate
IP65
Operating temperature
-35/+65°C
Storage Temperature
-30/+75°C
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com