Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15022 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15022
Description  Independent Enable Inputs for All Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15022 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15022 Datasheet HTML 1Page - Maxim Integrated Products MAX15022 Datasheet HTML 2Page - Maxim Integrated Products MAX15022 Datasheet HTML 3Page - Maxim Integrated Products MAX15022 Datasheet HTML 4Page - Maxim Integrated Products MAX15022 Datasheet HTML 5Page - Maxim Integrated Products MAX15022 Datasheet HTML 6Page - Maxim Integrated Products MAX15022 Datasheet HTML 7Page - Maxim Integrated Products MAX15022 Datasheet HTML 8Page - Maxim Integrated Products MAX15022 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Step-Down Regulator Output Voltages
(VOUT1, VOUT2)
Regulator output VOUT1 is set to 3.3V with resistors
R22 and R23 and provides up to 4A at 90% efficiency.
Capacitors C15, C16, and C17, and resistors R18 and
R19 provide a compensation network for VOUT1 on the
EV kit.
Regulator output VOUT2 is set to 1.5V with resistors
R18 and R19 and provides up to 2A at 84% efficiency.
Capacitors C5, C6, and C7, and resistors R16 and
R17 provide a compensation network for VOUT2 on
the EV kit.
VOUT1 and VOUT2 output voltages can be reconfig-
ured between 0.6V to VIN by replacing the respective
feedback resistors. To reconfigure the regulator out-
puts, refer to the
Compensation Design Guidelines sec-
tion in the MAX15022 IC data sheet for instructions on
selecting new resistor values. Also refer to the
Effective
Input-Voltage Range section in the MAX15022 IC data
sheet for the minimum and maximum input-voltage
range when reconfiguring the regulator outputs.
Component changes are necessary for proper opera-
tion after reconfiguring the output voltage. Refer to the
Inductor Selection, Input-Capacitor Selection, and the
Compensation Design Guidelines sections in the
MAX15022 IC data sheet to select the proper values.
2.5V LDO Output (VOUT3)
The VOUT3 LDO output is set to 2.5V by feedback
resistors R3 and R4 and provide up to 500mA of output
current. Jumper JU1 selects the input power source for
VOUT3 or configures VOUT3 for power-supply
sequencing with VOUT1. Install a shunt across pins 1-2
to select VIN as the input power source. Install a shunt
across pins 2-3 to select VOUT1 as the LDO input
power source. Resistors R5 and R6 set VOUT3 turn-on
threshold to 3V. See Table 2 for proper jumper configu-
ration of VOUT3 input power source.
To reconfigure VOUT3 to different output voltages, refer
to the
Output 3 and Output 4 Voltage Selection section in
the MAX15022 IC data sheet for additional information.
VOUT3 current capability is restricted by the regulator’s
input power source, the output voltage setting, and
transistor Q1. Verify that Q1 power dissipation rating is
not exceeded when operating the LDO regulator at
high input-to-output voltage differentials and full load.
1.2V Regulator Output (VOUT4)
VOUT4 LDO output is set to 1.2V by feedback resistors
R9 and R10 and provides up to 500mA of output cur-
rent. Jumper JU2 selects the input power source for
VOUT4 or configures VOUT4 for power-supply
sequencing with VOUT2. Install a shunt across pins 1-2
to select VIN as the input power source. Install a shunt
across pins 2-3 to select VOUT2 as the LDO input
power source. Resistors R11 and R12 set the VOUT4
turn-on threshold to 1.3V. See Table 3 for proper
jumper configuration of VOUT4 input power source.
To reconfigure VOUT4 to different output voltages, refer
to the
Output 3 and Output 4 Voltage Selection section in
the MAX15022 IC data sheet for additional information.
VOUT4 current capability is restricted by the regulator’s
input power source, the output voltage setting, and
transistor Q2. Verify that Q2 power dissipation rating is
not exceeded when operating the LDO regulator at
high input-to-output voltage differentials and full load.
Switching Frequency
The MAX15022 switching frequency is set to 2MHz by
resistor R24. Replace resistor R24 with a new resistor
value to program the switching frequency between
500kHz and 4MHz. Use the following equation to select
R24 when reconfiguring the switching frequency:
where fSW is in hertz and R24 is in ohms.
When reconfiguring the EV kit switching frequency, it is
necessary to replace the compensation network and
power components. Refer to the
Inductor Selection and
Compensation Design Guidelines sections in the
MAX15022 IC data sheet for computing new compen-
sation and power component values.
RfSW
24
8 36 10 3
≅×
×
−
(.
)
MAX15022 Evaluation Kit
4
_______________________________________________________________________________________
Table 2. VOUT3 Input Power Source (JU1)
SHUNT
POSITION
VOUT3 INPUT
POWER SOURCE
EV KIT OPERATION
1-2
VIN
VOUT3 enabled
2-3
VOUT1
VOUT3 enabled
Not
installed
—
VOUT3 disabled
Table 3. VOUT4 Input Power Source (JU2)
SHUNT
POSITION
VOUT4 INPUT
POWER SOURCE
EV KIT OPERATION
1-2
VIN
VOUT4 enabled
2-3
VOUT2
VOUT4 enabled
Not
installed
—
VOUT4 disabled



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com