Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWM1004C Datasheet(PDF) 1 Page - Qorvo, Inc

Part # DWM1004C
Description  STM LIS3DH motion sensor, accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1004C Datasheet(HTML) 1 Page - Qorvo, Inc

  DWM1004C Datasheet HTML 1Page - Qorvo, Inc DWM1004C Datasheet HTML 2Page - Qorvo, Inc DWM1004C Datasheet HTML 3Page - Qorvo, Inc DWM1004C Datasheet HTML 4Page - Qorvo, Inc DWM1004C Datasheet HTML 5Page - Qorvo, Inc DWM1004C Datasheet HTML 6Page - Qorvo, Inc DWM1004C Datasheet HTML 7Page - Qorvo, Inc DWM1004C Datasheet HTML 8Page - Qorvo, Inc DWM1004C Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Product Overview
The DWM1004C module is based on Decawave's DW1000 Ultra
Wideband (UWB) transceiver IC, which is an IEEE 802.15.4-2011
UWB implementation. It integrates UWB antenna, all RF circuitry, a
STM32L041G6U6S Cortex-M0+ and a LIS3DH motion sensor.
Key Features
•
Ranging accuracy to within 10cm.
•
Partron UWB chip antenna on module
•
IEEE 802.15.4-2011 UWB compliant
•
STM STM32L041G6U6S microcontroller
o 32kB flash, 8kB SRAM, RTC, AES, SPI and UART
•
STM LIS3DH motion sensor, accelerometer
•
On board 1.8V DC-DC
•
Supply voltage 2.8V to 3.6V DC
•
Optimised low power system design
•
Size: 31mm x 16.5mm, 1.27mm castellation pitch
•
ISED/IC: 23794-DWM1004 CH5 Only
•
FCC ID: 2AQ33-DWM1004 CH2 and CH5
Key Benefits
•
Hardware:
o Low cost module for high volume industrial applications
o Low-power hardware design and software architecture
o Designed for TDoA but flexible for any UWB applications
o Full RF design validated, tested and calibrated
•
Certification:
o 2 UWB frequency bands, CH2, 4GHz and CH5, 6.5GHz
o 6.8 Mbit/s data rate, PRF64MHz, Preamble 128us
•
Firmware:
o TDoA Tag source code, CH2 and CH5, 6.8Mbps data rate
o Configurable adaptive blink rate accelerometer support
o Production test and certification source code provided
o Simple TWR code example also provided
o Keil and Eclipse based projects
Block Diagram


Similar Part No. - DWM1004C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DWM1004C ETC1-DWM1004C Datasheet
447Kb / 2P
Recommended sale price is $9.95 in 10k quantities
More results

Similar Description - DWM1004C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
03-Oct-2006
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
MEMS motion sensor:2-axis - ±2g ultracompact linear accelerometer
29-Jun-2007
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
MEMS motion sensor 3-axis - ±2g analog output -piccolo- accelerometer
05-Mar-2008
logo
Panasonic Semiconductor
EKMA PANASONIC-EKMA Datasheet
1Mb / 8P
MOTION SENSOR
logo
STMicroelectronics
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com