Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWM1001-DEV Datasheet(PDF) 6 Page - Qorvo, Inc

Part # DWM1001-DEV
Description  USB connection for reprogramming, debug & power supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001-DEV Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button DWM1001-DEV Datasheet HTML 2Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 3Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 4Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 5Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 6Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 7Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 8Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 9Page - Qorvo, Inc DWM1001-DEV Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DWM1001 Module Development Board Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.3
Page 6
2
DWM1001 MODULE
Figure 5 shows a block diagram of the module. All major sections of the module are shown, along with the source
of signals coming to the module's pins.
UWB
Transceiver
Decawave
DW1000
BLE
Microprocessor
Nordic
nRF52832
64 MHz ARM
Cortex M4
SPI M1*
3- Axis Motion
Detector
STM
LIS2DH12TR
BLE Antenna
UART [1:0]
SPI S2* [3:0]
I2C [1:0]
IRQ
UWB Antenna
VCC
2.8 V– 3.6 V
DC-DC
Converter
1V8
GPIO
RESET
SWD[1:0]
GPIO
BT_WAKE_UP
GND
READY
4
12
*SPI M1 is nRF52 SPI master 1, SPI S2 is SPI slave 2
Figure 5: Block diagram of DWM1001 module
3
RASPBERRY PI INTERFACE
3.1
Means of connection
There are a number of types of Raspberry Pi. The preferred options are the A and B variants. To use the A
variant you will require a ribbon cable to connect to the Module Development Board. Figure 6 below shows a
Raspberry Pi Model A with the ribbon cable connected.
Figure 6: Raspberry Pi Model A Type with ribbon cable for connection to the Module Development Board
As an alternative to the ribbon cable it is possible to get 2*13 header connectors with extra long pins. Such a
connector is shown in Figure 7. One supplier of these connectors is https://www.modmypi.com. Search for part
number MMP-0275.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com