Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWM1001 Datasheet(PDF) 28 Page - Qorvo, Inc

Part # DWM1001
Description  6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM1001 Datasheet(HTML) 28 Page - Qorvo, Inc

Back Button DWM1001 Datasheet HTML 22Page - Qorvo, Inc DWM1001 Datasheet HTML 23Page - Qorvo, Inc DWM1001 Datasheet HTML 24Page - Qorvo, Inc DWM1001 Datasheet HTML 25Page - Qorvo, Inc DWM1001 Datasheet HTML 26Page - Qorvo, Inc DWM1001 Datasheet HTML 27Page - Qorvo, Inc DWM1001 Datasheet HTML 28Page - Qorvo, Inc DWM1001 Datasheet HTML 29Page - Qorvo, Inc DWM1001 Datasheet HTML 30Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
DWM1001 Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.5
Page 28
11GLOSSARY
Table 13: Glossary of Terms
Abbreviation
Full Title
Explanation
ETSI
European
Telecommunication
Standards Institute
Regulatory body in the EU charged with the management of the radio spectrum and
the setting of regulations for devices that use it
FCC
Federal
Communications
Commission
Regulatory body in the USA charged with the management of the radio spectrum and
the setting of regulations for devices that use it
GPIO
General Purpose
Input / Output
Pin of an IC that can be configured as an input or output under software control and
has no specifically identified function
IEEE
Institute of Electrical
and Electronic
Engineers
The world’s largest technical professional society. It is designed to serve
professionals involved in all aspects of the electrical, electronic and computing fields
and related areas of science and technology
PLL
Phase Locked Loop
Circuit designed to generate a signal at a particular frequency whose phase is related
to an incoming “reference” signal.
PPM
Parts Per Million
Used to quantify very small relative proportions. Just as 1% is one out of a hundred,
1 ppm is one part in a million
RF
Radio Frequency
Generally used to refer to signals in the range of 3 kHz to 300 GHz. In the context of
a radio receiver, the term is generally used to refer to circuits in a receiver before
down-conversion takes place and in a transmitter after up-conversion takes place
RTLS
Real Time Location
System
System intended to provide information on the location of various items in real-time.
SFD
Start of Frame
Delimiter
Defined in the context of the IEEE 802.15.4-2011 [7] standard.
SPI
Serial Peripheral
Interface
An industry standard method for interfacing between IC’s using a synchronous serial
scheme first introduced by Motorola
TWR
Two Way Ranging
Method of measuring the physical distance between two radio units by exchanging
messages between the units and noting the times of transmission and reception.
Refer to Decawave’s website for further information
UWB
Ultra Wideband
A radio scheme employing channel bandwidths of, or in excess of, 500MHz
BLE
Bluetooth Low
Energy.
A low power means of data communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com