Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSIB640 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSIB640
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSIB640 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSIB640 Datasheet HTML 1Page - Vishay Siliconix VSIB640 Datasheet HTML 2Page - Vishay Siliconix VSIB640 Datasheet HTML 3Page - Vishay Siliconix VSIB640 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 84656
20-Jul-05
VSIB620 thru VSIB680
Vishay General Semiconductor
Thermal Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Notes:
(1) Unit case mounted on Al plate heatsink
(2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise noted)
Parameter
Symbol
VSIB620
VSIB640
VSIB660
VSIB680
Unit
Typical thermal resistance per leg
RθJA
RθJC
22(2)
3.4(1)
°C/W
Figure 1. Derating Curve Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Per Leg
0
50
100
150
0
2.0
4.0
6.0
8.0
Heatsink Mounting, TC
P.C.B. Mounting, TA
Temperature ( °C)
10.0
1
10
100
0
60
30
120
90
180
150
210
Number of Cycles at 60 Hz
1.0 Cycle
TJ =TJ max.
single sine-wave
Figure 3. Typical Forward Characteristics Per Leg
Figure 4. Typical Reverse Characteristics Per Leg
Instantaneous Forward Voltage (V)
0.3
1.1
0.01
10
0.1
1
100
0.5
0.7
0.9
Tj = 125 °C
Tj = 150 °C
Tj=25 °C
Percent of Rated Peak Reverse Voltage (%)
TJ= 125C
1000.0
20
60
40
100
80
0.0
0.1
1.0
10.0
100.0
Tj = 150 °C
Tj = 125 °C
Tj=25 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com