Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPB3321 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPB3321
Description  17.5 dB Return Path Amplifier 5 ??210 MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB3321 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPB3321 Datasheet HTML 1Page - Qorvo, Inc QPB3321 Datasheet HTML 2Page - Qorvo, Inc QPB3321 Datasheet HTML 3Page - Qorvo, Inc QPB3321 Datasheet HTML 4Page - Qorvo, Inc QPB3321 Datasheet HTML 5Page - Qorvo, Inc QPB3321 Datasheet HTML 6Page - Qorvo, Inc QPB3321 Datasheet HTML 7Page - Qorvo, Inc QPB3321 Datasheet HTML 8Page - Qorvo, Inc QPB3321 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
QPB3321
17.5 dB Return Path Amplifier 5 – 210 MHz
Data Sheet
–Rev C, July 24, 2017 | Subject to change without notice
- 2 of 17 -
www.qorvo.com
®
Electrical Specifications
– 8V
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Voltage (VDD)
8
V
Supply Current (IDD)
170
mA
Frequency Range
5
210
MHz
Gain
17.4
dB
Gain Flatness
±0.2
dB
Gain Tilt
Gain(210MHz) - Gain(5MHz)
-0.1
dB
Input Return Loss
19
dB
Output Return Loss
5MHz
21
dB
Reverse Isolation
Full bandwidth
21
dB
Noise Figure
Includes balun loss
3.4
dB
DTO
f1=13MHz, f2=19MHz 58dBmV per tone
78
-dBc
DSO
f1=13MHz, f2=19MHz 58dBmV per tone
59
-dBc
ACLR
Pout = 61dBmV, 5-195MHz OFDM w/ 9.6MHz exclusion
band.
62.6
dB
OIP2
9dBm/tone, F1 = 113MHz, F2 = 119MHz
68
dBm
OIP3
9dBm/tone, F1 = 113MHz, F2 = 119MHz
48
dBm
Output P1dB
Full Band
24
dBm
Thermal Resistance
ΘJC
28
˚C/W
Notes:
1. Typical performance at these conditions: Temp = +25°C, VDD = +8
V, 75Ω system
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VDD)
+10V
Supply Current (IDD)
275mA
Maximum CW Input Power for VDD=8V
+13dBm
Operating Temperature Range
-40 to +85
 °C
Storage Temperature Range
−65 to +150 °C
Maximum Junction Temperature
+150 °C
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute Maximum Rating conditions to the device may
reduce device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com