Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE17RMXMUS Datasheet(PDF) 3 Page - Schneider Electric

Part # RE17RMXMUS
Description  Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, multifunction, spring terminals, 24 V DC / 24...240 V AC/DC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RE17RMXMUS Datasheet(HTML) 3 Page - Schneider Electric

  RE17RMXMUS Datasheet HTML 1Page - Schneider Electric RE17RMXMUS Datasheet HTML 2Page - Schneider Electric RE17RMXMUS Datasheet HTML 3Page - Schneider Electric RE17RMXMUS Datasheet HTML 4Page - Schneider Electric RE17RMXMUS Datasheet HTML 5Page - Schneider Electric RE17RMXMUS Datasheet HTML 6Page - Schneider Electric RE17RMXMUS Datasheet HTML 7Page - Schneider Electric RE17RMXMUS Datasheet HTML 8Page - Schneider Electric RE17RMXMUS Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IP40 IEC 60529 housing)
IP50 IEC 60529 front panel)
Vibration resistance
20 m/s² 10…150 Hz)IEC 60068-2-6
Shock resistance
15 gn 11 ms IEC 60068-2-27
Relative Humidity
93 % without condensation IEC 60068-2-30
Electromagnetic compatibility
Electrostatic discharge immunity test 6 kV in contact) level 3 IEC 61000-4-2
Electrostatic discharge immunity test 8 kV in air) level 3 IEC 61000-4-2
Susceptibility to electromagnetic fields 10 V/m 80 MHz to 1 GHz) level 3 IEC 61000-4-3
Electrical fast transient/burst immunity test 1 kV capacitive connecting clip) level 3 IEC 61000-4-4
Electrical fast transient/burst immunity test 2 kV direct) level 3 IEC 61000-4-4
1.2/50 µs shock waves immunity test 1 kV differential mode) level 3 IEC 61000-4-5
1.2/50 µs shock waves immunity test 2 kV common mode) level 3 IEC 61000-4-5
Conducted RF disturbances 10 V 0.15...80 MHz) level 3 IEC 61000-4-6
Voltage dips and interruptions immunity test 0 % 1 cycle) IEC 61000-4-11
Voltage dips and interruptions immunity test 70 % 25/30 cycles) IEC 61000-4-11
Conducted and radiated emissionsclass B EN 55022
Ordering and shipping details
GTIN
03606489861667
Nbr. of units in pkg.
1
Package weight(Lbs)
2.47 oz (70 g)
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.10 in (2.8 cm)
Package 1 width
2.95 in (7.5 cm)
Package 1 Length
3.74 in (9.5 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com