Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17115 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17115
Description  Adjustable Output Voltages (External Resistors)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17115 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17115 Datasheet HTML 1Page - Maxim Integrated Products MAX17115 Datasheet HTML 2Page - Maxim Integrated Products MAX17115 Datasheet HTML 3Page - Maxim Integrated Products MAX17115 Datasheet HTML 4Page - Maxim Integrated Products MAX17115 Datasheet HTML 5Page - Maxim Integrated Products MAX17115 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MAX17115 Evaluation Kit
4 ______________________________________________________________________________________
Jumper Selection
Several jumper settings in the following tables illustrate
features of the MAX17115 EV kit.
Enable Control Input (EN)
Connect EN to AGND to disable the step-up switching
regulator operation. Connect EN to VIN to enable the
boost operation. See Table 1 for jumper JU1 functions.
Frequency Select Input (FREQ)
Connect FREQ to AGND to select the step-up regula-
tor’s 640kHz operating frequency. Connect FREQ to
VIN to select the step-up regulator’s 1.2MHz operating
frequency. See Table 2 for jumper JU2 functions.
High-Voltage Stress Control Input (HVS_EN)
Connect HVS_EN to VIN to turn on the internal switch
between RHVS and AGND. Connect HVS_EN to AGND
to make the RHVS pin high-impedance. See Table 3 for
jumper JU3 functions.
High-Voltage Switch Control Input (VFLK)
When VFLK is connected to VIN, the high-voltage switch
between VGH and VGHM is on and the high-voltage
switch between VGHM and DRN is off. When VFLK
is connected to AGND, the switch between VGH and
VGHM is off and the switch between VGHM and DRN is
on. See Table 4 for jumper JU4 functions.
Table 1. Jumper JU1 Functions
Table 3. Jumper JU3 Functions
Table 2. Jumper JU2 Functions
Table 4. Jumper JU4 Functions
*Default position.
*Default position.
*Default position.
*Default position.
SHUNT
POSITION
EN PIN
EV KIT
OUTPUTS
Installed
EN connected to AGND
Outputs disabled
(VMAIN = 0V)
Not
installed*
EN connected to VIN
through R3
Outputs enabled
(VMAIN = 16V)
SHUNT
POSITION
HVS_EN PIN
RHVS
Installed
HVS_EN connected to
VIN
RHVS connected
to AGND
Not
installed*
HVS_EN connected to
AGND through R5
RHVS at high
impedance
SHUNT
POSITION
FREQ PIN
OPERATION OF
FREQUENCY
Installed
FREQ connected to
AGND
640kHz
Not
installed*
FREQ connected to VIN
through R4
1.2MHz
SHUNT
POSITION
VFLK
VGHM
Installed*
VFLK connected to VIN
VGHM = VGON
Not
installed
VFLK connected to
AGND through R6
VGHM = VDRN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com