Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17021 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17021
Description  High Speed, Accuracy, and Efficiency
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17021 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17021 Datasheet HTML 1Page - Maxim Integrated Products MAX17021 Datasheet HTML 2Page - Maxim Integrated Products MAX17021 Datasheet HTML 3Page - Maxim Integrated Products MAX17021 Datasheet HTML 4Page - Maxim Integrated Products MAX17021 Datasheet HTML 5Page - Maxim Integrated Products MAX17021 Datasheet HTML 6Page - Maxim Integrated Products MAX17021 Datasheet HTML 7Page - Maxim Integrated Products MAX17021 Datasheet HTML 8Page - Maxim Integrated Products MAX17021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MAX17021 Evaluation Kit
4
_______________________________________________________________________________________
*
Multiphase operation = All enabled phases active.
X = Don’t care.
Setting the Output Voltage
The MAX17021 has an internal digital-to-analog con-
verter (DAC) that programs the output voltage. The out-
put voltage can be digitally set from 0 to 1.5000V
(Table 2) from the D0–D6 pins. There are two different
ways of setting the output voltage:
1) Drive the external VID0–VID6 inputs (all SW1
positions are off). The output voltage is set by dri-
ving VID0–VID6 with open-drain drivers (pullup
resistors are included on the board) or 3V/5V CMOS
output logic levels.
Table 1. MAX17021 Operating Mode Truth Table
INPUTS
SHDN
SW2
(1, 10)
DPRSTP
SW2
(5, 6)
DPRSLPVR
SW2
(2, 9)
PSI
SW2
(3, 8)
PHASE
OPERATION*
OPERATING MODE
GND
X
X
X
Disabled
Low-Power Shutdown Mode. DL1 and DL2 are forced low and the
controller is disabled. The supply current drops to 1µA (max).
Rising
X
X
X
Multiphase
Pulse Skipping
1/8 RTIME
Slew Rate
Startup/Boot. When
SHDN is pulled high, the MAX17021 begins the
startup sequence. The controller enables the PWM controller and
ramps the output voltage up to the boot voltage.
High
High
Low
High
Multiphase
Forced-PWM
Normal RTIME
Slew Rate
Full Power. The no-load output voltage is determined by the selected
VID DAC code (D0–D6, Table 2).
High
High
Low
Low
1-Phase
Forced-PWM
Normal RTIME
Slew Rate
Intermediate Power. The no-load output voltage is determined by the
selected VID DAC code (D0–D6, Table 2). When
PSI is pulled low, the
MAX17021 immediately disables phase 2. DH2 and DL2 are pulled low.
High
Low
High
X
1-Phase Pulse
Skipping
Normal RTIME
Slew Rate
Deeper Sleep Mode. The no-load output voltage is determined by the
selected VID DAC code (D0–D6, Table 2). When DPRSLPVR is pulled
high, the MAX17021 immediately enters 1-phase pulse-skipping
operation allowing automatic PWM/PFM switchover under light loads.
The PWRGD and
CLKEN upper thresholds are blanked during
downward transitions. DH2 and DL2 are pulled low.
High
High
High
X
1-Phase Pulse
Skipping
1/4 RTIME Slew
Rate
Deeper Sleep Slow Exit Mode. The no-load output voltage is
determined by the selected VID DAC code (D0–D6, Table 2).
When DPRSTP is pulled high while DPRSLPVR is already high, the
MAX17021 remains in one-phase pulse-skipping operation, allowing
automatic PWM/PFM switchover under light loads, but reduces its
slew rate to 1/4 of normal.
Falling
X
X
X
Multiphase
Forced-PWM
1/8 RTIME
Slew Rate
Shutdown. When
SHDN is pulled low, the MAX17021 immediately
pulls PWRGD and PHASEGD low,
CLKEN becomes high impedance,
all enabled phases are activated, and the output voltage is ramped
down to ground. Once the output reaches 0V, the controller enters the
low-power shutdown state.
High
X
X
X
Disabled
Fault Mode. The fault latch has been set by the MAX17021 UVP or
thermal-shutdown protection, or by the OVP protection. The controller
remains in fault mode until VCC power is cycled or
SHDN toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com