Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH05010YAS Datasheet(PDF) 11 Page - Texas Instruments

Part # PTH05010YAS
Description  15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05010YAS Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH05010YAS Datasheet HTML 7Page - Texas Instruments PTH05010YAS Datasheet HTML 8Page - Texas Instruments PTH05010YAS Datasheet HTML 9Page - Texas Instruments PTH05010YAS Datasheet HTML 10Page - Texas Instruments PTH05010YAS Datasheet HTML 11Page - Texas Instruments PTH05010YAS Datasheet HTML 12Page - Texas Instruments PTH05010YAS Datasheet HTML 13Page - Texas Instruments PTH05010YAS Datasheet HTML 14Page - Texas Instruments PTH05010YAS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
PTH03010Y
PTH05010Y
PTH12010Y
SLTS223A–MARCH 2004–REVISED OCTOBER 2005
Table 2. Input/Output Capacitors(1)
CAPACITOR CHARACTERISTICS
QUANTITY
CAPACITOR VENDOR,
WORKING
VALUE
MAX. ESR
MAX RIPPLE
PHYSICAL
INPUT
OPTIONAL VENDOR PART
TYPE/SERIES, (STYLE)
VOLTAGE
(µF)
AT 100 kHz
CURRENT AT
SIZE (mm)
BUS
OUTPUT
NUMBER
85°C (lrms)
BUS
Panasonic, Aluminum (FC)
25 V
560
0.065 Ω
1205 mA
12,5 x 15
1
1
EEUFC1E561S
FC, Radial
25 V
1000
0.060 Ω
1100 mA
12,5 x 13,5
1
1
EEVFK1E102Q
FK, (SMD)
35 V
680
0.060 Ω
1100 mA
12,5 x 13,5
1
1
EEVFK1V681Q
United Chemi-Con
PS, Poly-Aluminum (Radial)
16 V
330
0.014 Ω
5050 mA
10 x 12,5
2
≤2
16PS330MJ12
LXZ, Aluminium (Radial)
16 V
680
0.068 Ω
1050 mA
10 x 16
1
1
LXZ16VB681M10X16LL
PXA, Poly-Aluminum (SMD)
16 V
330
0.014 Ω
5050 mA
10 x 12,2
2
≤2
PXA16VC331MJ12TP
Nichicon, Aluminum (PM)
25 V
560
0.060 Ω
1060 mA
12,5 x 15
1
1
UPM1E561MHH6
HD, (Radial)
16 V
680
0.038 Ω
1430 mA
10 x 16
1
1
UHD1C681MPR
PM, (Radial)
35 V
560
0.048 Ω
1360 mA
16 x 15
1
1
UPM1V561MHH6
Sanyo
TPE Poscap (SMD)
10 V
330
0.025 Ω
3000 mA
7,3 L x 5,7 W
N/R(2)
≤3
10TPE330M
SEQP, Os-Con (Radial)
16 V
330
0.016 Ω
>4720 mA
10 x 13
2
≤2
16SEQP330M
SVP, Os-Con (SMD)
16 V
330
0.016 Ω
4700 mA
11 x 12
2
≤2
16SVP330M
AVX, Tantalum Series III
TPSE477M010R0045
TPS (SMD)
10 V
470
0.045 Ω
>1723 mA
7,3L x 5,7W
N/R(2)
≤5(3)
10 V
330
0.045 Ω
>1723 mA
x 4,1H
N/R(2)
≤5(3)
TPSE377M010R0045
Kemet
T520, Poly-Tantalum (SMD)
10 V
330
0.040 Ω
1800 mA
7,3 L
N/R(2)
≤5
T520X337M010AS
T530, Poly-Tant/Organic
10 V
330
0.010 Ω
>3800 mA
x 4,3 W
N/R(2)
≤1
T530X337M010ASE010
6.3 V
470
0.005 Ω
4200 mA
x 4 H
N/R(2)
≤1(3)
T530X477M006AS E005
Vishay-Sprague
7,2L x 6W x
595D477X0010R2T
595D, Tantalum (SMD)
10 V
470
0.100 Ω
1440 mA
4,1H
N/R(2)
≤5(3)
94SA, Os-con (Radial)
16 V
1000
0.015Ω
9750 mA
16 x 25
1
≤2
94SA108X0016HBP
94SVP, Os-CON(SMD)
16V
330
0.017Ω
4580 mA
10 x 12,7
2(4)
≤2
94SVP337X0016F12
Kemet, Ceramic X5R
16 V
10
0.002 Ω
-
3225 mm
1(5)
≤5
C1210C106M4PAC
(SMD)
6.3 V
47
0.002 Ω
3225 mm
N/R(2)
≤5
C1210C476K9PAC
Murata, Ceramic X5R
6.3 V
100
0.002 Ω
-
3225 mm
N/R(2)
≤3
GRM32ER60J107M
(SMD)
16 V
47
3225 mm
1(5)
≤5
GRM32ER61CJ476K
16 V
22
1(5)
≤5
GRM32ER61C226K
16 V
10
1(5)
≤5
GRM32DR61C106K
TDK, Ceramic X5R (SMD)
6.3 V
100
0.002 Ω
-
3225 mm
N/R(2)
≤3
C3225X5R0J107MT
6.3 V
47
3225 mm
N/R(2)
≤5
C3225X5R0J476MT
16 V
22
1(5)
≤5
C3225X5R1C226MT
16 V
10
1(5)
≤5
C3225X5R1C106MT
(1) Capacitor Supplier Verification
Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(2) N/R –Not recommended. The capacitor voltage rating does not meet the minimum derated operating limits.
(3) The voltage rating of this capacitor only allows it to be used for output voltages that are equal to or less than 5.1 V.
(4) A total capacitance of 540 µF is acceptable based on the combined ripple current rating.
(5) A ceramic capacitor can be used to complement electrolytic types at the input further reduce high-frequency ripple current.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com