Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12010YAS Datasheet(PDF) 12 Page - Texas Instruments

Part # PTH12010YAS
Description  15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010YAS Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH12010YAS Datasheet HTML 8Page - Texas Instruments PTH12010YAS Datasheet HTML 9Page - Texas Instruments PTH12010YAS Datasheet HTML 10Page - Texas Instruments PTH12010YAS Datasheet HTML 11Page - Texas Instruments PTH12010YAS Datasheet HTML 12Page - Texas Instruments PTH12010YAS Datasheet HTML 13Page - Texas Instruments PTH12010YAS Datasheet HTML 14Page - Texas Instruments PTH12010YAS Datasheet HTML 15Page - Texas Instruments PTH12010YAS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.ti.com
DESIGNING FOR VERY FAST LOAD TRANSIENTS
PTH03010Y
PTH05010Y
PTH12010Y
SLTS223A–MARCH 2004–REVISED OCTOBER 2005
The transient response of the DC/DC converter has been characterized using a load transient with a di/dt of
1 A/µs. The typical voltage deviation for this load transient is given in the data sheet specification table using the
optional value of output capacitance. As the di/dt of a transient is increased, the response of a converter’s
regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation with
any dc/dc converter once the speed of the transient exceeds its bandwidth capability. If the target application
specifies a higher di/dt or lower voltage deviation, the requirement can only be met with additional output
capacitor decoupling. In these cases special attention must be paid to the type, value and ESR of the capacitors
selected.
If the transient performance requirements exceed that specified in the data sheet, or the total amount of load
capacitance is above 6600 µF, the selection of output capacitors becomes more important.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com