Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC375 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # PFC375
Description  Greater than 1 million hours demonstrated MTBF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PFC375 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  PFC375 Datasheet HTML 1Page - Bel Fuse Inc. PFC375 Datasheet HTML 2Page - Bel Fuse Inc. PFC375 Datasheet HTML 3Page - Bel Fuse Inc. PFC375 Datasheet HTML 4Page - Bel Fuse Inc. PFC375 Datasheet HTML 5Page - Bel Fuse Inc. PFC375 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PFC375 Series
tech.support@psbel.com
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAX. OUTPUT
CURRENT 1
LINE
REGULATION
LOAD
REGULATION
RIPPLE &
NOISE % p-p 2
INITIAL SETTING
ACCURACY
PFC375-1012G
12V
10.8V to 13.5V
30A
0.2%
0.8%
1%
11.94V to 12.06V
PFC375-1015G
15V
12.0V to 17.0V
25A
0.2%
0.6%
1%
14.94V to 15.06V
PFC375-1024G
24V
21.6V to 26.4V
15A
0.5%
0.8%
1%
23.88V to 24.12V
PFC375-1028G
28V
25.2V to 30.8V
13.4A
0.5%
0.9%
0.9%
27.86V to 28.14V
PFC375-1048FG
48V
46.0V to 56.0V
7.8A
0.5%
1.0%
1%
47.52V to 48.48V
NOTES:
1
Output currents ratings are expressed with 300 LFM forced air.
2
Maximum peak-to-peak noise expressed as a percentage of output voltage, 20 MHz bandwidth.
3
Models without suffix G use the lead solder exemption
Ooo Model numbers highlighted in yellow are not recommended for new designs or EOL.
Isolated V3 and V4 Can Be Used as Positive Or Negative Output
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
OUTPUT
CURRENT1
PEAK OUTPUT
CURRENT3
LINE
REGULATION
LOAD
REGULATION
RIPPLE &
NOISE % p-p2
INITIAL SETTING
ACCURACY
PFC375-4000G
+5V
4.5V to 5.5V
3.5 - 40A
40A
0.4%
0.8%
1%
4.98V to 5.02V
+12V
11.3V to 12.6V
10A
16A
0.9%
0.9%
1%
11.9V to 12.1V
12V
11.3V to 12.6V
6A
6A
0.9%
0.9%
1%
11.9V to 12.1V
5V
Fixed
3A
3A
2%
2%
2.4%
4.9V to 5.1V
PFC375-4001G4
+5V
4.5V to 5.5V
3.5 - 40A
40A
0.4%
0.8%
1%
4.98V to 5.02V
+12V
11.3V to 12.6V
10A
16A
0.9%
0.9%
1%
11.9V to 12.1V
12V
11.3V to 12.6V
6A
6A
0.9%
0.9%
1%
11.9V to 12.1V
12V
11.0V to 15.8V
3A
3A
0.9%
0.9%
1%
11.9V to 12.1V
PFC375-4002G5
+5V
4.5V to 5.5V
3.5 - 40A
40A
0.4%
0.8%
1%
4.98V to 5.02V
+12V
11.3V to 12.6V
10A
16A
0.9%
0.9%
1%
11.9V to 12.1V
12V
11.3V to 12.6V
6A
6A
0.9%
0.9%
1%
11.9V to 12.1V
24V
22.0V to 28.0V
3A
3A
0.5%
0.8%
1%
23.8V to 24.2V
PFC375-4004G
+5V
4.5V to 5.5V
3.5 - 40A
40A
0.4%
0.8%
1%
4.98V to 5.02V
+12V
11.3V to 12.6V
10A
16A
0.9%
0.9%
1%
11.9V to 12.1V
15V
14.2V to 15.8V
4A
4A
0.7%
0.7%
1%
14.9V to 15.1V
15V
14.2V to 15.8V
4A
4A
0.7%
0.7%
1%
14.9V to 15.1V
PFC375-4005G6
+5V
4.5V to 5.5V
3.5 - 40A
40A
0.4%
0.8%
1%
4.98V to 5.02V
+12V
11.3V to 12.6V
10A
16A
0.9%
0.9%
1%
11.9V to 12.1V
24V
22.0V to 28.0V
3A
3A
0.5%
0.8%
1%
23.8V to 24.2V
24V
22.0V to 28.0V
3A
3A
0.5%
0.8%
1%
23.8V to 24.2V
PFC375-4200G
+24V
21.5V to 26.4V
1 - 10A
10A
0.5%
0.8%
1%
23.8V to 24.2V
+5V
4.5V to 5.5V
10A
16A
0.4%
0.8%
1%
4.98V to 5.02V
12V
11.4V to 12.6V
4A
4A
0.5%
1%
1%
11.9V to 12.1V
12V
11.4V to 12.6V
4A
4A
0.5%
1%
1%
11.9V to 12.1V
PFC375-4201G
+24V
21.5V to 26.4V
1 - 10A
10A
0.5%
0.8%
1%
23.8V to 24.2V
+5V
4.5V to 5.5V
10A
16A
0.4%
0.8%
1%
4.98V to 5.02V
15V
14.2V to 16.0V
4A
4A
0.5%
0.8%
1%
14.9V to 15.1V
15V
13.7V to 16.0V
4A
4A
0.5%
0.8%
1%
14.9V to 15.1V
PFC375-4500G
+5V
4.5V to 5.5V
3.5 - 50A
50A
0.4%
0.8%
1%
4.98V to 5.02V
+12V
11.3V to 12.6V
10A
16A
0.9%
0.9%
1%
11.9V to 12.1V
12V
11.3V to 12.6V
6A
6A
0.9%
0.9%
1%
11.9V to 12.1V
5V
4.5V to 5.5V
3A
3A
2%
0.9%
1%
4.9V to 5.1V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com