Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC500 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # PFC500
Description  Power Factor Correction meets EN61000-3-2 (AC input versions)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PFC500 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  PFC500 Datasheet HTML 1Page - Bel Fuse Inc. PFC500 Datasheet HTML 2Page - Bel Fuse Inc. PFC500 Datasheet HTML 3Page - Bel Fuse Inc. PFC500 Datasheet HTML 4Page - Bel Fuse Inc. PFC500 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
tech.support@psbel.com
MODEL5
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAX. OUTPUT
CURRENT2
LINE
REGULATION
LOAD
REGULATION3
RIPPLE & NOISE
% p-p4
INITIAL SETTING
ACCURACY
PFC500-1024G
24V
21.6V to 26.4V
21A
0.5%
0.2%
1%
23.88V to 24.12V
PFC500-1028G1
28V
25.2V to 30.8V
17.9A
0.5%
0.2%
1%
27.86V to 28.14V
PFC500-1048G1
48V
46.0V to 56.0V
10.4A
0.5%
0.5%
1%
47.52V to 48.48V
NOTES:
1
Consult factory for availability of 28V and 48V units with DC input.
2
Output currents ratings are expressed with 300 LFM forced air.
3
Remote sense connected. See Application Note #P1 for load regulation when using the D option for 24V units.
4
Maximum peak to peak noise expressed as a percentage of output voltage, 20 MHz bandwidth. For ripple/noise on “D” option models,
see options data.
5
Models without suffix G use the lead solder exemption
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Continuous input range.
85
264
VAC
Input Frequency
AC Input.
47
63
Hz
Brown Out Protection
Lowest AC input voltage that regulation is maintained with full rated
loads.
85
VAC
Hold-Up Time
Over full AC input voltage range at full rated load.
20
ms
Input Current
85 VAC at full rated load.
7.8
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse, F10A, 250 V.
Inrush Surge Current
Internally limited by thermistor, one cycle, 25°C.
110 VAC
220 VAC
35
65
APK
Power Factor
Per EN61000-3-2.
0.98
W/VA
Operating Frequency
Switching frequency of main transformer.
100
kHz
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency
Full rated load, 110 VAC.
75
%
Minimum loads
PFC500-1024G
PFC500-1028G
PFC500-1048G
0.6
0.6
1.2
Amps
Ripple and Noise
Full load, 20 MHz bandwidth.
See Model Selection Charts
Output Power
300 LFM forced air cooling required for operation. See optional fan.
Continuous power, multiple output models.
500
Watts
Overshoot / Undershoot
Output voltage overshoot/undershoot at turn-on.
0
V
Regulation
Without connection of remote sense.
PFC500-1024G
PFC500-1028G
PFC500-1048G
0.8
0.7
1.0
%
Transient Response
Recovery time, to within 1% of initial set point due to a 50-100% load
change, 3% max. deviation.
1
ms
Turn-on Delay
Time required for initial output voltage stabilization.
1
Sec
Turn-on Rise Time
Time required for output voltage to rise from 10% to 90%.
10
ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com