Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12010YAST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12010YAST
Description  15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010YAST Datasheet(HTML) 1 Page - Texas Instruments

  PTH12010YAST Datasheet HTML 1Page - Texas Instruments PTH12010YAST Datasheet HTML 2Page - Texas Instruments PTH12010YAST Datasheet HTML 3Page - Texas Instruments PTH12010YAST Datasheet HTML 4Page - Texas Instruments PTH12010YAST Datasheet HTML 5Page - Texas Instruments PTH12010YAST Datasheet HTML 6Page - Texas Instruments PTH12010YAST Datasheet HTML 7Page - Texas Instruments PTH12010YAST Datasheet HTML 8Page - Texas Instruments PTH12010YAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
15-A NON-ISOLATED DDR/QDR
FEATURES
(34,8 mm x 15,75 mm)
1.37 in x 0.62 in
Nominal Size
DESCRIPTION
VIN
Standby
GND
VTT
V REF
Co1
Low−ESR
(Required)
CIN
(Required)
1 k
1 %
1 k
1 %
V DDQ
SSTL−2
Bus
Co2
Ceramic
(Optional)
Q1
BSS138
(Optional)
Con
hf−Ceramic
PTHxx010Y
(Top View)
1
2
10 9
8
7
6
5
4
3
CIN = Required Capacitor; 470 µF (3.3 ± 5 V Input), 560 µF (12 V Input).
Co1 = Required Low-ESR Electrolyitic Capacitor; 470 µF (3.3 ± 5 V Input), 940 µF (12 V Input).
Co2 = Ceramic Capacitance for Optimum Response to a 3 A (± 1.5 A) Load Transient; 200 µF (3.3 ± 5 V Input), 400 µF (12 V Input).
Con = Distributed hf-Ceramic Decoupling Capacitors for VTT bus; as Recommended for DDR Memory Applications.
PTH03010Y
PTH05010Y
PTH12010Y
SLTS223A–MARCH 2004–REVISED OCTOBER 2005
MEMORY BUS TERMINATION MODULES
•
Efficiencies up to 91%
•
VTT Bus Termination Output
•
Output Overcurrent Protection
(Output Tracks the System VREF)
(Nonlatching, Auto-Reset)
•
15 A Output Current (12 A for 12-V Input)
•
62 W/in3 Power Density
•
3.3-V, 5-V or 12-V Input Voltage
•
Safety Agency Approvals
UL/cUL60950, EN60950, VDE
•
DDR and QDR Compatible
•
On/Off Inhibit (for VTT Standby)
•
Point-of-Load Alliance (POLA™) Compatible
•
Undervoltage Lockout
•
Operating Temperature: –40°Cto85°C
The PTHxx010Y are a series of ready-to-use switching regulator modules from Texas Instruments designed
specifically for bus termination in DDR and QDR memory applications. Operating from either a 3.3-V, 5-V or 12-V
input, the modules generate a VTT output that will source or sink up to 15 A of current (12 A for 12-V input) to
accurately track their VREF input. VTT is the required bus termination supply voltage, and VREF is the reference
voltage for the memory and chipset bus receiver comparators. VREF is usually set to half the VDDQ power supply
voltage.
Both the PTHxx010Y series employs an actively switched synchronous rectifier output to provide state-of-the-art
stepdown switching conversion. The products are small in size (1.37 in × 0.62 in), and are an ideal choice where
space, performance, and high efficiency are desired, along with the convenience of a ready-to-use module.
Operating features include an on/off inhibit and output over-current protection (source mode only). The on/off
inhibit feature allows the VTT bus to be turned off to save power in a standby mode of operation. To ensure tight
load regulation, an output remote sense is also provided. Package options include both throughhole and surface
mount configurations.
STANDARD APPLICATION
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
POLA is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH12010YAST

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTH12010YAST EMERSON-NETWORKPOWER-PTH12010YAST Datasheet
1Mb / 5P
DC-DC CONVERTERS
logo
Texas Instruments
PTH12010YAST TI2-PTH12010YAST Datasheet
840Kb / 18P
15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
REVISED OCTOBER 2005
PTH12010YAST.B TI2-PTH12010YAST.B Datasheet
840Kb / 18P
15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
REVISED OCTOBER 2005
More results

Similar Description - PTH12010YAST

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
logo
Texas Instruments
PTH12050Y TI-PTH12050Y Datasheet
267Kb / 7P
6-A Non-Isolated DDR/QDR Memory Bus Termination Modules
PTH03060Y TI-PTH03060Y Datasheet
838Kb / 19P
MEMORY BUS TERMINATION MODULES
logo
Artesyn Technologies
PTHXX050Y ARTESYN-PTHXX050Y Datasheet
220Kb / 4P
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
PTHXX060Y ARTESYN-PTHXX060Y Datasheet
232Kb / 4P
DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Linear Technology
LTC3718 LINER-LTC3718 Datasheet
243Kb / 20P
Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
logo
Emerson Network Power
PTHXX060Y EMERSON-NETWORKPOWER-PTHXX060Y Datasheet
232Kb / 4P
Non-isolated DDR/QDR Memory Bus Termination Module
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413_15 Datasheet
259Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3718 LINER-LTC3718_15 Datasheet
253Kb / 20P
Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com