Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD9836 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD9836
Description  16-BIT PIXEL GAIN AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9836 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD9836 Datasheet HTML 3Page - Exar Corporation XRD9836 Datasheet HTML 4Page - Exar Corporation XRD9836 Datasheet HTML 5Page - Exar Corporation XRD9836 Datasheet HTML 6Page - Exar Corporation XRD9836 Datasheet HTML 7Page - Exar Corporation XRD9836 Datasheet HTML 8Page - Exar Corporation XRD9836 Datasheet HTML 9Page - Exar Corporation XRD9836 Datasheet HTML 10Page - Exar Corporation XRD9836 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
xr
xr
XRD9836
16-BIT PIXEL GAIN AFE
REV. 1.0.0
7
ELECTRICAL CHARACTERISTICS - XRD9836 (con’t)
Unless otherwise specified: AVDD=DVDD=3.3V, ADCLK = 30 MHz, REXT=10K
Ω
Ω, Ta=25C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
CLOCK TIMING SPECIFICATIONS
ADCLK
Duty Cycle
tadclk3
tadclk1
49
49
51
51
%
%
3-CH, Figure 17 & Figure 19
1-CH, Figure 18 & Figure 20
ADCLK period
(1-Ch mode)
tcp1
66.6
ns
Figure 18 & Figure 20
ADCLK period
(3-Ch mode)
tcp3
33.3
ns
Figure 17 & Figure 19
Single Channel
Conversion period
tcr1
66.6
ns
Figure 18 & Figure 20
Three Channel
Conversion period
tcr3
100
ns
Figure 17 & Figure 19
BSAMP
Pulse Width
tpwb
20
ns
Figure 17 & Figure 19
VSAMP Pulse Width
tpwv
20
ns
Figure 17 & Figure 19
BSAMP sampling
edge to VSAMP
sampling edge
tbvf
50
ns
Figure 17 & Figure 19
Min. Time
negedge ADCLK to
sampling VSAMP
tvfcr
12
ns
Figure 17 & Figure 19
VSAMP/BSAMP
Acquisition time
(aperture delay)
tap
6
ns
Figure 17 & Figure 19
Settling time
tstl
15
ns
Figure 17 & Figure 19
Latency
tlat
9
cycles
Figure 21 & Figure 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com