Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLL400IP-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FLL400IP-3
Description  L-Band Medium & High Power GaAs FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FLL400IP-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FLL400IP-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers FLL400IP-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers FLL400IP-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers FLL400IP-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Edition 1.5
October 2004
FLL400IP-3
L-Band Medium & High Power GaAs FET
FEATURES
• Push-Pull Configuration
• High Power Output: 35W (Typ.)
• High PAE: 43% (Typ.)
• Broad Frequency Range: 2300 to 2500 MHz.
• Suitable for class A operation at 10V
and class AB operation at 12V
Parameter
Drain-Source Voltage
Gate-Source Voltage
Total Power Dissipation
Storage Temperature
Channel Temperature
Symbol
VDS
Tc = 25
°C
V
V
W
°C
°C
VGS
PT
Tstg
Tch
Condition
107
-65 to +175
+175
-5
15
Rating
Unit
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature Ta=25
°C)
Eudyna recommends the following conditions for the reliable operation of GaAs FETs:
1. The drain-source operating voltage (VDS) should not exceed 12 volts.
2. The forward and reverse gate currents should not exceed 54.4 and -17.4 mA respectively with
gate resistance of 25
Ω.
3. The operating channel temperature (Tch) should not exceed 145°C.
Item
Drain Current
Transconductance
Pinch-Off Voltage
Gate-Source Breakdown Voltage
Power-Added Efficiency
Thermal Resistance
Symbol
IDSS
VGSO
-
6000
-
-12
16
-1.0
-2.0
-3.5
-5
-
-
-
43
-
-
1.0
1.4
VDS = 5V, VGS = 0V
VDS = 5V, IDS = 7.2A
VDS = 5V, IDS = 720mA
IGS = -720µA
Channel to Case
A
mS
V
V
°C/W
%
gm
Vp
Output Power at 1 dB G.C.P.
Power Gain at 1 dB G.C.P.
44.5
45.5
-
8.0
9.0
-
VDS = 12V
f = 2.5 GHz
IDS = 2A
dB
dBm
P1dB
G1dB
Output Power at 1 dB G.C.P.
Power Gain at 1 dB G.C.P.
-
44.5
-
-
9.0
-
VDS = 10V
f = 2.5 GHz
IDS = 5A (Note 1)
dB
dBm
P1dB
G1dB
ηadd
Drain Current
-
6.0
8.0
A
IDSR
Rth
Conditions
Unit
Limits
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25
°C)
G.C.P.: Gain Compression Point
CASE STYLE: IP
Note 1: The device shall be measured at a constant VGS condition.
DESCRIPTION
The FLL400IP-3 is a 35 Watt GaAs FET that employs a push-pull design that
offers ease of matching, greater consistency and a broader bandwidth for high
power S-band amplifiers. This product is targeted to reduce the size and
complexity of highly linear, high power base station transmitting amplifiers.
This new product is uniquely suited for use in Wireless Local Loop (WLL) base
station amplifiers as it offers high gain, long term reliability and ease of use.
Eudyna’s stringent Quality Assurance Program assures the highest
reliability and consistent performance.


Similar Part No. - FLL400IP-3

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL400IP-2 EUDYNA-FLL400IP-2 Datasheet
113Kb / 4P
L-Band Medium & High Power GaAs FET
More results

Similar Description - FLL400IP-3

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FLL177 FUJITSU-FLL177 Datasheet
229Kb / 4P
L-BAND MEDIUM & HIGH POWER GAAS FET
logo
List of Unclassifed Man...
FLU35ZM ETC-FLU35ZM Datasheet
225Kb / 8P
L-Band Medium & High Power GaAs FET
logo
fujitsu semiconductor
FLU17ZM FUJITSU-FLU17ZM Datasheet
236Kb / 8P
L-Band Medium & High Power GaAs FET
FLL1200IU-2 FUJITSU-FLL1200IU-2 Datasheet
92Kb / 4P
L-Band Medium & High Power GaAs FET
logo
Eudyna Devices Inc
FLL57MK EUDYNA-FLL57MK Datasheet
101Kb / 4P
L-Band Medium & High Power GaAs FET
FLL107ME EUDYNA-FLL107ME Datasheet
83Kb / 4P
L-Band Medium & High Power GaAs FET
FLL200IB-1 EUDYNA-FLL200IB-1 Datasheet
125Kb / 6P
L-Band Medium & High Power GaAs FET
FLL300IL-1 EUDYNA-FLL300IL-1 Datasheet
124Kb / 6P
L-Band Medium & High Power GaAs FET
FLL600IQ-3 EUDYNA-FLL600IQ-3 Datasheet
107Kb / 4P
L-Band Medium & High Power GaAs FET
FLU10ZM EUDYNA-FLU10ZM Datasheet
235Kb / 8P
L-Band Medium & High Power GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com