Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17536EVKITB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17536EVKITB
Description  5V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536EVKITB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17536EVKITB Datasheet HTML 1Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 2Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 3Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 4Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 5Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 6Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 7Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 8Page - Maxim Integrated Products MAX17536EVKITB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Evaluates: MAX17536
5V Output-Voltage Application
MAX17536EVKITB# Evaluation Kit
General Description
The MAX17536 5V output evaluation kit (EV kit) provides
a proven design to evaluate this high-voltage, high-
efficiency, synchronous step-down DC-DC converter. The
EV kit is preset for a 5V output at load currents up to 4A
and features a 450kHz switching frequency for optimum
efficiency and component size. The EV kit features adjustable
input, undervoltage lockout, adjustable soft-start, open-drain
RESET signal, and external frequency synchronization.
Features
● Operates from a 6.5V to 60V Input Supply
● 5V Output Voltage
● Up to 4A Output Current
● 450kHz Switching Frequency
● Enable/UVLO Input, Resistor-Programmable UVLO
Threshold
● Adjustable Soft-Start Time
● MODE Pin to Select Among PWM, PFM, or DCM
Modes
● Open-Drain RESET Output
● External Frequency Synchronization
● Overcurrent and Overtemperature Protection
● Proven PCB Layout
● Fully Assembled and Tested
19-7691; Rev 2; 4/18
Ordering Information appears at end of data sheet.
Quick Start
Recommended Equipment
● MAX17536EVKITB#
● 6.5V to 60V, 10A DC input power supply
● Load capable of sinking 4A
● Digital voltmeter (DVM)
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation.
Caution: Do not turn
on power supply until all connections are completed.
1) Set the power supply at a voltage between 6V and
60V. Disable the power supply.
2) Connect the positive terminal of the power supply to
the VIN PCB pad and the negative terminal to the
nearest PGND PCB pad. Connect the positive terminal
of the 4A load to the VOUT PCB pad and the negative
terminal to the nearest PGND PCB pad.
3) Connect the DVM across the VOUT PCB pad and
the nearest PGND PCB pad.
4) Verify that shunt is installed across pins 1-2 on
jumper JU1 (see Table 1 for details).
5) Select the shunt position on JU2 according to the
intended mode of operation (see Table 2 for details).
6) Turn on the DC power supply.
7) Enable the load.
8) Verify that the DVM displays 5V.
Click
here for production status of specific part numbers.


Similar Part No. - MAX17536EVKITB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17536EVKITA MAXIM-MAX17536EVKITA Datasheet
926Kb / 10P
3.3V Output-Voltage Application
Rev 2; 4/18
More results

Similar Description - MAX17536EVKITB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17574 MAXIM-MAX17574 Datasheet
1Mb / 20P
5V Output-Voltage Application
Rev 0; 12/16
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
5V Output-Voltage Application
Rev 0; 12/20
MAX17505EVKITB MAXIM-MAX17505EVKITB Datasheet
514Kb / 11P
5V Output-Voltage Application
Rev 0; 1/14
MAX17576EVKITB MAXIM-MAX17576EVKITB Datasheet
920Kb / 11P
5V Output-Voltage Application
Rev 1; 9/20
MAX17546EVKITB MAXIM-MAX17546EVKITB Datasheet
878Kb / 10P
5V Output-Voltage Application
Rev 2; 4/18
MAX17545EVKITB MAXIM-MAX17545EVKITB Datasheet
496Kb / 11P
5V Output-Voltage Application
Rev 0; 10/14
MAX17544EVKITB MAXIM-MAX17544EVKITB Datasheet
487Kb / 11P
5V Output-Voltage Application
Rev 0; 9/14
MAX17543EVKITB MAXIM-MAX17543EVKITB Datasheet
966Kb / 11P
5V Output-Voltage Application
Rev 0; 9/14
MAX17632C5EVKIT MAXIM-MAX17632C5EVKIT Datasheet
867Kb / 11P
5V Output-Voltage Application
Rev 0; 11/17
MAX17631C5EVKIT MAXIM-MAX17631C5EVKIT Datasheet
919Kb / 10P
5V Output-Voltage Application
Rev 0; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com