Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17536 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17536
Description  5V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17536 Datasheet HTML 1Page - Maxim Integrated Products MAX17536 Datasheet HTML 2Page - Maxim Integrated Products MAX17536 Datasheet HTML 3Page - Maxim Integrated Products MAX17536 Datasheet HTML 4Page - Maxim Integrated Products MAX17536 Datasheet HTML 5Page - Maxim Integrated Products MAX17536 Datasheet HTML 6Page - Maxim Integrated Products MAX17536 Datasheet HTML 7Page - Maxim Integrated Products MAX17536 Datasheet HTML 8Page - Maxim Integrated Products MAX17536 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX17536
5V Output-Voltage Application
MAX17536EVKITB# Evaluation Kit
Detailed Description
The MAX17536 EV kit provides a proven design to evaluate
the high-voltage, high-efficiency, synchronous step-down
DC-DC converter. The EV kit is preset for a 5V output from
a 6.5V to 60V input at load currents up to 4A and features
a 450kHz switching frequency for optimum efficiency and
component size.
The EV kit includes an EN/UVLO PCB pad and JU1 to
enable the output at a desired input voltage. The SYNC
PCB pad allows an external clock to synchronize the
device. JU2 allows the selection of a particular mode of
operation based on light-load performance requirements.
An additional RESET PCB pad is available for monitoring
when the converter output is in regulation.
Soft-Start Input (SS)
The device utilizes an adjustable soft-start function to
limit inrush current during startup. The soft-start time is
adjusted by the value of the external capacitor from SS to
GND (C7). The selected output capacitance (CSEL) and
the output voltage (VOUT) determine the minimum value
of C7, as shown by the following equation:
C7 ≥ 28 x 10-6 x CSEL x VOUT
The soft-start time (tSS) is related to C7 by the following
equation:
tSS = C7/(5.55 x 10-6)
For example, to program a 2.2ms soft-start time, C7
should be 12nF.
Regulator Enable/Undervoltage-Lockout Level
(EN/UVLO)
The device offers an adjustable-input, undervoltage-
lockout level. For normal operation, a shunt should be
installed across pins 1-2 on JU1. To disable the output,
install a shunt across pins 2-3 on JU1 and the EN/UVLO
pin is pulled to GND. See Table 1 for JU1 settings.
Set the voltage at which the device turns on with the
resistive voltage-divider R1/R2 connected from VIN_ to
SGND. Connect the center node of the divider to EN/
UVLO. Choose R1 to be 3.32MΩ and then calculate R2
as follows:
R2 = R1 x 1.215
VINU - 1.215
where VINU is the voltage at which the device is required
to turn on.
Mode/SYNC Selection (MODE)
The device’s MODE pin can be used to select among the
PWM, PFM, or DCM modes of operation. The logic state
of the MODE pin is latched when the VCC and EN/UVLO
voltages exceed the respective UVLO rising thresholds
and all internal voltages are ready to allow LX switching.
State changes on the MODE pin are ignored during normal
operation. Refer to the MAX17536IC data sheet for more
information on the PWM, PFM, and DCM modes of operation.
Table 2 lists JU2 jumper settings that can be used to
configure the desired mode of operation. The internal
oscillator of the device can be synchronized to an external
clock signal on the SYNC pin. The external synchronization
clock frequency must be between 1.1fSW and 1.4fSW,
where fSW is the frequency of operation set by R5. The
minimum external clock high pulse width should be greater
than 50ns, while the minimum external clock low pulse width
should be greater than 160ns.
Table 1. Regulator Enable (EN/UVLO)
Description (JU1)
Table 2. MODE Description (JU2)
*Default position.
*Default position.
SHUNT
POSITION
EN/UVLO PIN
MAX17536_
OUTPUT
1-2*
Connected to VIN
Enabled
Not installed
Connected to the center
node of resistor-divider
R1 and R2
Enabled, UVLO
level set through
the R1 and R2
resistors
2-3
Connected to SGND
Disabled
SHUNT POSITION
MODE PIN
MAX17536_ MODE
Not installed*
Unconnected
PFM mode of
operation
1-2
Connected to
SGND
PWM mode of
operation
2-3
Connected to
VCC
DCM mode of
operation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com