Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8-TC2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-TC2
Description  Remote I/O R8 Series TEMPERATURE CONTROL MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-TC2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-TC2 Datasheet HTML 1Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 2Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 3Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 4Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 5Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 6Page - M-System Co.,Ltd. R8-TC2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R8-TC2
R8-TC2 SPECIFICATIONS
ES-9788 Rev.5 Page 2/7
http://www.m-system.co.jp/
R8CFG)
• Input
• Burnout
• CT input
• Auto-tuning
Refer to the instruction manual for detail.
INPUT SPECIFICATIONS
■ Universal input 1, 2 (Pv1, Pv2)
For input type and range configuration, refer to the
instruction manual.
DC Current:
Input range: 0 - 20 mA DC
Input resistance: 49.9 Ω resistor incorporated
• DC voltage input
Input resistance: ≥ 10 kΩ (-1000 to +1000 mV DC)
Input resistance: ≥ 1 MΩ (-10 to +10 V DC)
• Thermocouple
Input resistance: ≥ 10 kΩ
Input range: Refer to the table 1
Burnout sensing: ≤ 4 μA
Conformance range: Refer to the table 1
• RTD (2-wire or 3-wire)
Excitation: ≤ 0.33 mA
Input range: Refer to the table 1
Allowable leadwire resistance: 20 Ω per wire
• Resistor (2-wire or 3-wire)
Excitation: ≤ 0.33 mA
Input range: 0 - 4000 Ω
Allowable leadwire resistance: 20 Ω per wire
• Potentiometer
Excitation: ≤ 0.33 mA
Input range: Refer to the table 1
Allowable leadwire resistance: 20 Ω per wire
■ Clamp-on current sensor (CT1, CT2)
(Sensor model No.: AC input)
CLSE-R5: 0 – 5 A
CLSE-05: 0 – 50 A
CLSE-10: 0 – 100 A
CLSE-20: 0 – 200 A
CLSE-40: 0 – 400 A
CLSE-60: 0 – 600 A
Frequency: 50 / 60 Hz (45 - 65 Hz)
Operational range: 0 – 120 % of rating
Overload capacity:
CLSE-R5: 10 A continuous
CLSE-05: 60 A continuous
CLSE-10: 120 A continuous
CLSE-20: 240 A continuous
CLSE-40: 480 A continuous
CLSE-60: 720 A continuous
Be sure that the input voltage is of 480 V or less.
OUTPUT SPECIFICATIONS
■ Control Output (Mv1, Mv2)
Specify the type of output with the code number.
• DC Current: 0 – 20 mA DC
Operational range: 0 – 23 mA DC
Load resistance: ≤ 450 Ω
• DC Voltage: 0 – 10 V DC
Operational range: 0 - 11.5 V DC
Load resistance: ≥ 2 kΩ
■ Voltage Pulse
Maximum frequency: 1 Hz
Minimum pulse width: 1 msec.
Hi level: 12 V ±15 %
Lo level: ≤ 0.5 V
Load resistance: 600 Ω min.
INSTALLATION
Max. current consumption: 200 mA
Exc. supply current consumption: 60 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 110 g (0.24 lb)
PERFORMANCE in percentage of span
Accuracy
• Pv1 or Pv2: Refer to "Input type, range & conversion
accuracy" section.
• CT1 or CT2: ±2 % (sensor error margin not included)
• Mv1 or Mv2: ±0.5 %
Data allocation: 2
Module addresses in use: 8
Commmunication data:
• Loop 1 Pv1
• Loop 1 Sp1
• Loop 1 Mv1
• Loop 1 Proportional band (P1)
• Loop 1 Integral time (I1)
• Loop 1 Derivative time (D1)
• CT input 1 Current value (CT1)
• Loop 2 Pv2
• Loop 2 Sp2
• Loop 2 Mv2
• Loop 2 Proportional band (P2)
• Loop 2 Integral time (I2)
• Loop 2 Derivative time (D2)
• CT input 2 Current value (CT2)
Cold junction compensation error:
±3°C at -10 - +55°C
±5.4°F at 14 - 131°F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com